Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109693 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109693
Description  MiniMez Male DIP Non-BM w/o Peg w/o Clip f. Female IDC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109693 Datasheet(HTML) 1 Page - ERNI Electronics

  109693 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
tube
100 mating-
11,43
109691
cycles
Id-Nr.
tube
10 mating-
cycles
Polzahl
no of positions Mass A Mass B
109685
109679
5,08
9,41
10
109673
cycles
10 mating-
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
Interpret dimensions according to ANSI Y15.5M-1994
Id-Nr.
28,46
24,13
109693
109687
109681
109675
26
19,57
15,24
109692
109686
109680
109674
20
15,76
tube&cap
109696
109690
109684
109678
68
46,24
41,91
109695
109689
109683
109677
50
34,81
30,48
109694
109688
109682
109676
40
Id-Nr.
tube&cap
100 mating-
cycles
Id-Nr.
68
13
50
17
40
21
26
31
20
38
10
64
Polzahl
No. of positions Stück / pieces
Class
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
w/o Peg w/o Clip f. Female IDC
MiniMez Male DIP Non-BM
109672
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
3,3
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap
M 2 : 1
a1
M 2 : 1
Layout
b1
1,27 ±0,05
B ±0,1
a1
b1
A
2,4
0,4
1,27
B


Similar Part No. - 109693

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10969 ETC-10969 Datasheet
110Kb / 2P
   30.0 MM DIA OPTIC 4 LEG HOLDER
11-Feb-09
logo
Heyco.
10969 HEYCO-10969 Datasheet
115Kb / 1P
   Nylon PCB Supports - Imperial Spacing
More results

Similar Description - 109693

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109585 ERNI-109585 Datasheet
42Kb / 1P
   MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
109635 ERNI-109635 Datasheet
37Kb / 1P
   MiniMez Male SMT Non-BM with Peg for female IDC
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
logo
Molex Electronics Ltd.
35150-0200 MOLEX2-35150-0200 Datasheet
60Kb / 1P
   6.2 PITCH W/W CONN MALE HOUSING-2P(W/O EAR)
logo
Yamaichi Electronics Co...
NHS068T3-000-BS0 YAMAICHI-NHS068T3-000-BS0 Datasheet
88Kb / 2P
   IDC Type Socket w/o Latch Blocks (1.27mm Pitch)
logo
ERNI Electronics
109220 ERNI-109220 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109257 ERNI-109257 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
logo
HARTING Technology Grou...
09-14-024-0319 HARTING-09-14-024-0319 Datasheet
567Kb / 2P
   Hinged Frame 24B a-f w/o fix. screws
2021-10-01
09-14-024-0309 HARTING-09-14-024-0309 Datasheet
592Kb / 2P
   Hinged Frame 24B A-F w/o fix. screws
2021-10-01
11-20-003-5407 HARTING-11-20-003-5407 Datasheet
557Kb / 2P
   Han-Yellock 10 cover f. housing w/o seal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com