Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1340U Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1340U
Description  I2C RTC with Trickle Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340U Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1340U Datasheet HTML 1Page - Maxim Integrated Products DS1340U Datasheet HTML 2Page - Maxim Integrated Products DS1340U Datasheet HTML 3Page - Maxim Integrated Products DS1340U Datasheet HTML 4Page - Maxim Integrated Products DS1340U Datasheet HTML 5Page - Maxim Integrated Products DS1340U Datasheet HTML 6Page - Maxim Integrated Products DS1340U Datasheet HTML 7Page - Maxim Integrated Products DS1340U Datasheet HTML 8Page - Maxim Integrated Products DS1340U Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
I2C RTC with Trickle Charger
2
Maxim Integrated
DS1340
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = VCC MIN to VCC MAX, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25°C, unless
otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC or VBACKUP Pins
Relative to Ground.............................................-0.3V to +6.0V
Voltage Range on SDA, SCL, and FT/OUT
Relative to Ground..................................-0.3V to (VCC + 0.3V)
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+260°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS1340-18
1.71
1.8
5.5
DS1340-3
2.7
3.0
5.5
Supply Voltage (Note 2)
VCC
DS1340-33
2.97
3.3
5.5
V
Input Logic 1 (SDA, SCL)
VIH
(Note 2)
0.7 x VCC
VCC + 0.3
V
Input Logic 0 (SDA, SCL)
VIL
(Note 2)
-0.3
+0.3 x VCC
V
Supply Voltage, Pullup
(FT/OUT, SDA, SCL), VCC = 0V
VPU
(Note 2)
5.5
V
DS1340-18
1.3
3.7
DS1340-3
1.3
3.7
Backup Supply Voltage (Note 2)
VBACKUP
DS1340-33
1.3
5.5
V
R1
(Notes 3, 4)
250
R2
(Note 5)
2000
Trickle-Charge Current-Limiting
Resistors
R3
(Note 6)
4000
DS1340-18
1.51
1.6
1.71
DS1340-3
2.45
2.6
2.7
Power-Fail Voltage (Note 2)
VPF
DS1340-33
2.70
2.88
2.97
V
Input Leakage (SCL, CLK)
ILI
-1
+1
μA
I/O Leakage (SDA, FT/OUT)
ILO
-1
+1
μA
VCC > 2V; VOL = 0.4V
3.0
SDA Logic 0 Output
IOLSDA
1.7V < VCC < 2V; VOL = 0.2 x VCC
3.0
mA
VCC > 2V; VOL = 0.4V
3.0
1.7V < VCC < 2V; VOL = 0.2 x VCC
3.0
mA
FT/OUT Logic 0 Output
IOLSQW
1.3V < VCC < 1.7V; VOL = 0.2x VCC
250
μA
DS1340-18; VCC = 1.89V
72
150
DS1340-3; VCC = 3.3V
108
200
Active Supply Current (Note 7)
ICCA
DS1340-33; VCC = 5.5V
192
300
μA
DS1340-18; VCC = 1.89V
60
100
DS1340-3; VCC = 3.3V
81
125
Standby Current (Note 8)
ICCS
DS1340-33; VCC = 5.5V
100
150
μA
VBACKUP Leakage Current
IBACKUPLKG VBACKUP = 3.7V
100
nA


Similar Part No. - DS1340U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U-18 MAXIM-DS1340U-18 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-18 MAXIM-DS1340U-18 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340U-18++ MAXIM-DS1340U-18+ Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-18++ MAXIM-DS1340U-18+ Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340U-3 MAXIM-DS1340U-3 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
More results

Similar Description - DS1340U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com