Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC04 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74HC04
Description  HEX INVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC04 Datasheet(HTML) 4 Page - Diodes Incorporated

  74HC04 Datasheet HTML 1Page - Diodes Incorporated 74HC04 Datasheet HTML 2Page - Diodes Incorporated 74HC04 Datasheet HTML 3Page - Diodes Incorporated 74HC04 Datasheet HTML 4Page - Diodes Incorporated 74HC04 Datasheet HTML 5Page - Diodes Incorporated 74HC04 Datasheet HTML 6Page - Diodes Incorporated 74HC04 Datasheet HTML 7Page - Diodes Incorporated 74HC04 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74HC04
Document number: DS35320 Rev. 3- 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HC04
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input
Voltage
2.0V
1.5
1.5
V
4.5V
3.15
3.15
6.0V
4.2
4.2
VIL
Low-level input
voltage
2.0V
0.5
0.5
V
4.5V
1.35
1.35
6.0V
1.8
1.8
VOH
High-level Output
Voltage
IOH = -20μA
2.0V
1.9
1.9
V
IOH = -20μA
4.5V
4.4
4.4
IOH = -20μA
6.0V
5.9
5.9
IOH = -4.0mA
4.5V
3.84
3.7
IOH = -5.2mA
6.0V
5.34
5.2
VOL
Low level Output
Voltage
IOL = 20μA
2.0V
0.1
0.1
V
IOL = 20μA
4.5V
0.1
0.1
IOL = 20μA
6.0V
0.1
0.1
IOL = 4mA
4.5V
0.33
0.44
IOL = 5.2mA
6.0V
0.33
0.44
II
Input Current
VI =GND to 5.5V
6.0V
± 1
± 1
μA
ICC
Supply Current
VI = GND or VCC, IO=0
6.0V
20
40
μA
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Max
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL=50 pF
2.0V
25
90
115
135
ns
4.5V
9
18
23
27
6.0V
7
15
20
23
tt
Transition time
Figure 1
CL=50 pF
2.0V
19
75
95
110
ns
4.5V
7
15
19
22
6.0V
6
13
16
19
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 6V
Unit
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1 MHz
22
pF
CI
Input Capacitance
VI = VCC – or GND
4
pF


Similar Part No. - 74HC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
74HC04 PHILIPS-74HC04 Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
logo
ON Semiconductor
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
logo
Silicon Supplies
74HC04 SS-74HC04 Datasheet
381Kb / 5P
   High Speed CMOS Logic
More results

Similar Description - 74HC04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com