Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G3404FZ4 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74AUP2G3404FZ4
Description  BUFFER AND INVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G3404FZ4 Datasheet(HTML) 1 Page - Diodes Incorporated

  74AUP2G3404FZ4 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G3404FZ4 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G3404FZ4 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G3404FZ4 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G3404FZ4 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G3404FZ4 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G3404FZ4 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G3404FZ4 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G3404FZ4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
74AUP2G3404
Document number: DS36096 Rev. 4 - 2
1 of 12
www.diodes.com
December 2013
© Diodes Incorporated
74AUP2G3404
BUFFER AND INVERTER
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Click for Ordering Information
Description
The Advanced Ultra Low Power (AUP) CMOS logic family is designed
for low power and extended battery life in portable applications.
The 74AUP2G3404 has one buffer and one inverter. Both gates have
push-pull outputs designed for operation over a power supply range
of 0.8V to 3.6V. The device is fully specified for partial power down
applications using IOFF. The IOFF circuitry disables the output
preventing damaging current backflow when the device is powered
down.
Features
Advanced Ultra Low Power (AUP) CMOS
Supply Voltage Range from 0.8V to 3.6V
± 4mA Output Drive at 3.0V
Low Static power consumption
ICC < 0.9µA
Low Dynamic Power Consumption
CPD = 6pF Typical at 3.6V
Schmitt Trigger Action at All Inputs Make the Circuit Tolerant for
Slower Input Rise and Fall Time. The hysteresis is typically
250mV at VCC = 3.0V
IOFF Supports Partial-Power-Down Mode Operation
ESD Protection per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114-)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Leadless packages per JESD30E
DFN1410 denoted as X2-DFN1410-6
DFN1010 denoted as X2-DFN1010-6
DFN0910 denoted as X2-DFN0910-6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Suited for battery and low power needs
Wide array of products such as:
PCs, networking, Notebooks, Netbooks, PDAs
Tablet Computers, E-Readers
Computer Peripherals, Hard Drives, CD/DVD ROM
TV, DVD, DVR, Set Top Box
Cell Phones, Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders


Similar Part No. - 74AUP2G3404FZ4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
logo
NXP Semiconductors
74AUP2G3404GF NXP-74AUP2G3404GF Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
74AUP2G3404GM NXP-74AUP2G3404GM Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AUP2G3404GM NEXPERIA-74AUP2G3404GM Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
More results

Similar Description - 74AUP2G3404FZ4

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLCF MINILOGIC-ML74WLCF Datasheet
145Kb / 4P
   Inverter (unbuffered) and Buffer
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
   Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Nexperia B.V. All right...
74AXP2G3404 NEXPERIA-74AXP2G3404 Datasheet
819Kb / 16P
   Low-power buffer and inverter
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G3404 NEXPERIA-74AUP3G3404 Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
   Inverter (Un-Buffer)
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
   Hex Inverter/Buffer
logo
Renesas Technology Corp
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com