Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G17 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74AUP2G17
Description  DUAL SCHMITT TRIGGER BUFFERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G17 Datasheet(HTML) 2 Page - Diodes Incorporated

  74AUP2G17 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74AUP2G17
Document number: DS35513 Rev. 4 - 2
2 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G17
Ordering Information
74 AUP2G 17 XXX -7
Logic Device
Function
Package
Packing
74 : Logic Prefix
17:
Buffer with
DW : SOT363
-7 : 7” Tape & Reel
AUP : 0.8 to 3.6 V
Schmitt Trigger
FW3 : X2-DFN0910-6
Logic Family
Input
FW4 : X2-DFN1010-6
2G : Dual Gate
FZ4 : X2- DFN1410-6
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf
Pin Descriptions
Pin Name
Pin NO
Function
1A
1
Data Input
GND
2
Ground
2A
3
Data Input
2Y
4
Data Output
VCC
5
Supply Voltage
1Y
6
Data Output
Logic Diagram
Function Table Diagram
Inputs
Output
nA
nY
H
H
L
L
Part Number
Package
Code
Package
(Notes 4 & 5)
Package
Size
7” Tape and Reel
Quantity
Part Number Suffix
74AUP2G17DW-7
DW
SOT363
2.0mm X 2.0mm X 1.1mm
0.65 mm lead pitch
3000/Tape & Reel
-7
74AUP2G17FW3-7
FW3
X2-DFN0910-6
0.9mm X 1.0mm X 0.35mm
0.35 mm pad pitch
5000/Tape & Reel
-7
74AUP2G17FW4-7
FW4
X2-DFN1010-6
1.0mm X 1.0mm X 0.4mm
0.35 mm pad pitch
5000/Tape & Reel
-7
74AUP2G17FZ4-7
FZ4
X2-DFN1410-6
1.4mm X 1.0mm X 0.4mm
0.5 mm pad pitch
5000/Tape & Reel
-7


Similar Part No. - 74AUP2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
logo
Nexperia B.V. All right...
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
NXP Semiconductors
74AUP2G17GF NXP-74AUP2G17GF Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17GF NXP-74AUP2G17GF Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
More results

Similar Description - 74AUP2G17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC2G17 RENESAS-RD74LVC2G17 Datasheet
2Mb / 8P
   Dual Schmitt-trigger Buffers
logo
Unisonic Technologies
U74AHC17 UTC-U74AHC17 Datasheet
156Kb / 5P
   HEX SCHMITT-TRIGGER BUFFERS
logo
Renesas Technology Corp
HD74ALVC2G14 RENESAS-HD74ALVC2G14 Datasheet
89Kb / 10P
   Triple Schmitt-trigger Inverter Buffers
HD74ALVC2G14 RENESAS-HD74ALVC2G14_15 Datasheet
113Kb / 12P
   Triple Schmitt-trigger Inverter Buffers
logo
Motorola, Inc
MC14583B MOTOROLA-MC14583B Datasheet
227Kb / 8P
   Dual Schmitt Trigger
logo
List of Unclassifed Man...
SN54LS310 ETC1-SN54LS310 Datasheet
618Kb / 8P
   8-BIT BUFFERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com