Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G17DW-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # 74AUP2G17DW-7
Description  DUAL SCHMITT TRIGGER BUFFERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G17DW-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button 74AUP2G17DW-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G17DW-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G17DW-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G17DW-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G17DW-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G17DW-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP2G17DW-7 Datasheet HTML 10Page - Diodes Incorporated 74AUP2G17DW-7 Datasheet HTML 11Page - Diodes Incorporated 74AUP2G17DW-7 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
74AUP2G17
Document number: DS35513 Rev. 4 - 2
10 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G17
Package Outline Dimensions (cont.) (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(4) Package Type: X2-DFN0910-6
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1) Package Type SOT363
(2) Package Type X2-DFN1410-6
X2-DFN0910-6
Dim
Min
Max
Typ
A
-
0.35
0.30
A1
0
0.03
0.02
b
0.10
0.20
0.15
D
0.85
0.95
0.90
E
0.95
1.05
1.00
e
-
-
0.30
K
0.20
-
-
K1
0.25
-
-
L
0.25
0.35
0.30
L1
0.30
0.40
0.35
Z
-
-
0.075
Z1
-
-
0.075
All Dimensions in mm
Dimensions
Value
(in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C1
1.9
C2
0.65
Dimensions
Value
(in mm)
C
0.500
G
0.250
X
0.250
X1
1.250
Y
0.525
Y1
1.250
A
A 1
Seating Plane
D
E
b
6 x
e
L
5 x
K
(Pin #1 ID)
C0.5X45°
K 1
L 1
Z
4 X
Z 1
4 X
1
X1
Y1
Y(6x)
X(6x)
G(4x)
C
Z
Y
G
C2
C2
C1
X


Similar Part No. - 74AUP2G17DW-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
logo
Nexperia B.V. All right...
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
NXP Semiconductors
74AUP2G17GF NXP-74AUP2G17GF Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17GF NXP-74AUP2G17GF Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
More results

Similar Description - 74AUP2G17DW-7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC2G17 RENESAS-RD74LVC2G17 Datasheet
2Mb / 8P
   Dual Schmitt-trigger Buffers
logo
Unisonic Technologies
U74AHC17 UTC-U74AHC17 Datasheet
156Kb / 5P
   HEX SCHMITT-TRIGGER BUFFERS
logo
Renesas Technology Corp
HD74ALVC2G14 RENESAS-HD74ALVC2G14 Datasheet
89Kb / 10P
   Triple Schmitt-trigger Inverter Buffers
HD74ALVC2G14 RENESAS-HD74ALVC2G14_15 Datasheet
113Kb / 12P
   Triple Schmitt-trigger Inverter Buffers
logo
Motorola, Inc
MC14583B MOTOROLA-MC14583B Datasheet
227Kb / 8P
   Dual Schmitt Trigger
logo
List of Unclassifed Man...
SN54LS310 ETC1-SN54LS310 Datasheet
618Kb / 8P
   8-BIT BUFFERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com