Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G04FZ4-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AUP2G04FZ4-7
Description  DUAL INVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G04FZ4-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP2G04FZ4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74AUP2G04
Document number: DS35509 Rev. 4 - 2
6 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G04
Switching Characteristics
CL = 5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
19.2
ns
1.2V ± 0.1V
2.6
5.5
11.3
2.3
12.5
2.3
13.9
1.5V ± 0.1V
1.8
3.6
6.4
1.6
7.4
1.6
8.2
1.8V ± 0.15V
1.5
2.9
5.0
1.4
5.9
1.4
6.5
2.5V ± 0.2V
1.2
2.4
3.9
1.1
4.5
1.1
5.0
3.3V ± 0.3V
0.9
1.9
3.2
0.8
3.9
0.8
4.3
CL = 10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
23.8
ns
1.2V ± 0.1V
3.1
6.5
13.4
2.9
15.1
2.9
16.6
1.5V ± 0.1V
2.3
4.2
7.5
2.1
8.7
2.1
9.6
1.8V ± 0.15V
2.0
3.5
5.9
1.8
7.0
1.8
7.7
2.5V ± 0.2V
1.6
2.9
4.6
1.5
5.4
1.5
6.0
3.3V ± 0.3V
1.2
2.4
3.8
1.1
4.5
1.1
5.0
CL = 15pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
28.0
ns
1.2V ± 0.1V
3.5
7.4
14.3
3.3
17.4
3.3
19.1
1.5V ± 0.1V
2.6
4.7
8.6
2.4
10.0
2.4
11.0
1.8V ± 0.15V
2.3
4.0
6.7
2.1
8.0
2.1
8.8
2.5V ± 0.2V
2.1
3.3
5.1
1.8
6.1
1.8
6.8
3.3V ± 0.3V
1.6
2.8
4.2
1.4
5.0
1.4
5.5
CL = 30pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
40.3
ns
1.2V ± 0.1V
4.8
9.8
17.6
4.4
20.9
4.4
23.0
1.5V ± 0.1V
3.6
6.3
10.8
3.2
12.9
3.2
14.2
1.8V ± 0.15V
3.2
5.3
9.0
2.9
10.5
2.9
11.6
2.5V ± 0.2V
2.4
4.5
6.5
2.6
7.6
2.6
8.4
3.3V ± 0.3V
1.8
3.8
5.4
2.1
6.2
2.1
6.9


Similar Part No. - 74AUP2G04FZ4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
logo
Nexperia B.V. All right...
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
logo
NXP Semiconductors
74AUP2G04GF PHILIPS-74AUP2G04GF Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
More results

Similar Description - 74AUP2G04FZ4-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCU7204 TI1-SN74HCU7204 Datasheet
164Kb / 9P
[Old version datasheet]   DUAL INVERTERS
logo
Diodes Incorporated
74AUP2G14 DIODES-74AUP2G14 Datasheet
427Kb / 12P
   DUAL SCHMITT TRIGGER INVERTERS
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
   DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
   2 INVERTERS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com