Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC14T14-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AHC14T14-13
Description  HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC14T14-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AHC14T14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHC14T14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHC14T14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHC14T14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHC14T14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHC14T14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHC14T14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHC14T14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHC14
Document number: DS35342 Rev 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC14
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
4.3
12.8
0.5
15.0
0.5
16.0
ns
4.5V to 5.5V
0.5
3.2
8.6
0.5
10.0
0.5
11.0
Figure 1
CL = 50pF
3.0V to 3.6V
0.5
5.8
16.3
0.5
18.0
0.5
20.5
4.5V to 5.5V
0.5
4.2
10.6
0.5
12.0
0.5
13.5
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V -3.6V
VCC
3ns
VCC/2
15pF, 50pF
4.5V to 5.5V
VCC
3ns
VCC/2
15pF, 50pF
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1 Load Circuit and Voltage Waveforms
Notes:
A . Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AHC14T14-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14 PHILIPS-74AHC14 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC14 NXP-74AHC14 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74AHC14 NEXPERIA-74AHC14 Datasheet
282Kb / 16P
   Hex inverting Schmitt trigger
Rev. 6 - 16 June 2020
74AHC14-Q100 NEXPERIA-74AHC14-Q100 Datasheet
849Kb / 17P
   Hex inverting Schmitt trigger
More results

Similar Description - 74AHC14T14-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC14A DIODES-74LVC14A Datasheet
176Kb / 10P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
[Old version datasheet]   Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
National Semiconductor ...
74LS14 NSC-74LS14 Datasheet
123Kb / 6P
   Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1 Datasheet
270Kb / 17P
[Old version datasheet]   Automotive Hex Inverters with Schmitt-Trigger Inputs
SNC54LS14J TI-SNC54LS14J Datasheet
131Kb / 8P
[Old version datasheet]   54LS14 Hex Inverters with Schmitt Trigger Inputs
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com