Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K1TB Datasheet(PDF) 1 Page - Rohm

Part # SP8K1TB
Description  Switching (30V, 5.0A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K1TB Datasheet(HTML) 1 Page - Rohm

  SP8K1TB Datasheet HTML 1Page - Rohm SP8K1TB Datasheet HTML 2Page - Rohm SP8K1TB Datasheet HTML 3Page - Rohm SP8K1TB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SP8K1
Transistors
1/3
Switching (30V, 5.0A)
SP8K1
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small and Surface Mount Package (SOP8).
Application
Power switching, DC / DC converter.
Structure
Silicon N-channel
MOS FET
External dimensions (Unit : mm)
Each lead has same dimensions
SOP8
5.0
±0.2
0.2
±0.1
1.27
0.4
±0.1
0.1
Absolute maximum ratings (Ta=25
°C)
It is the same ratings for the Tr. 1 and Tr. 2.
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
W
PD
°C
Tch
°C
Tstg
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Storage temperature
Continuous
Pulsed
Continuous
Source current
(Body diode)
Pulsed
∗1 Pw 10µs, Duty cycle 1%
∗2 MOUNTED ON A CERAMIC BOARD.
30
20
±5.0
±20
1.6
6.4
2
150
−55 to +150
Limits
Equivalent circuit
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Source
(4) Tr2 Gate
(5) Tr2 Drain
(6) Tr2 Drain
(7) Tr1 Drain
(8) Tr1 Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
(1) (2) (3) (4)
(8) (7) (6) (5)
∗2
∗1
∗2
∗1
(8)
(7)
(1)
(2)
(6)
(5)
(3)
(4)
∗A protection diode is included between the gate and
the source terminals to protect the diode against static
electricity when the product is in use. Use the protection
circuit when the fixed voltages are exceeded.
Thermal resistance (Ta=25
°C)
°C / W
Rth (ch-a)
62.5
Parameter
Symbol
Limits
Unit
Channel to ambient
∗MOUNTED ON A CERAMIC BOARD.


Similar Part No. - SP8K1TB

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K1TB VBSEMI-SP8K1TB Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SP8K1TB

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K1 ROHM-SP8K1 Datasheet
59Kb / 4P
   Switching (30V, 5.0A)
RSS050P03 ROHM-RSS050P03 Datasheet
87Kb / 5P
   Switching (-30V, -5.0A)
2SAR572D3 ROHM-2SAR572D3 Datasheet
1Mb / 11P
   PNP -5.0A -30V Power Transistor
2SAR572D3FRA ROHM-2SAR572D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -30V Power Transistor
2SCR572D3FRA ROHM-2SCR572D3FRA Datasheet
1Mb / 10P
   NPN 5.0A 30V Power Transistor
2SCR572D3 ROHM-2SCR572D3 Datasheet
1Mb / 11P
   NPN 5.0A 30V Power Transistor
2SAR572D ROHM-2SAR572D Datasheet
808Kb / 7P
   PNP -5.0A -30V Middle Power Transistor
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
   NPN 5.0A 30V Middle Power Transistor
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
   NPN 5.0A 30V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com