Electronic Components Datasheet Search |
|
ECWH10123 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECWH10123 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 14 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC61− Metallized Polypropylene Film Capacitor Type : ECWH(V) Plastic Film Capacitors Designed for high frequency and pluse applications. ■Features •Low-loss and inherent tempereature rise •Excellent electrical characteristics •Flame-retardant epoxy resin coating •RoHS directive compliant ■Recommended Applications •TV, Monitors, Electronic ballast ■Explanation of Part Numbers 1 23 456 78 9 10 11 12 E C W H Product code Dielectric & construction Rated vol. Capacitance V Cap. Tol. Suffix Suffix 10 1000 VDC 12 1250 VDC 16 1600 VDC 20 2000 VDC H ±3 % J ±5 % ●Explanation of Part Number for Odd Size Taping E C W H Product code Dielectric & construction Rated vol. Capacitance R V 7.5 mm Crimped Cap. Tol. Suffix ■Specifications Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Dissipation factor (tan ) Withstand voltage Insulation resistance (IR) – 40 ˚C to + 105 ˚C 1000 VDC, 1250 VDC (1000 Vp-p), 1600 VDC (1200 Vp-p), 2000 VDC (1500 Vp-p) (Derating of rated voltage by 1.25 %/˚C at more than 85 ˚C) 1000 VDC 1250 VDC 1600 VDC 2000 VDC 0.0075 µF to 0.10 µF 0.0036 µF to 0.10 µF 0.0013 µF to 0.056 µF 0.0010 µF to 0.015 µF ±3 %(H), ±5 %(J) tan < =0.1 % (20 ˚C, 1 kHz), tan < =0.2 % (20 ˚C, 10 kHz) Between terminals:Rated volt. (VDC)✕150 % 60 s Between terminals to enclosure:1500 VAC 60 s IR> =30000 M Ω (20 ˚C, 500 VDC, 60 s) ❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”. Suffix Blank B C Lead Form Straight Crimped lead Cut lead p Œ ¯ ¶ ‚ /P53-76 12.11.14 20:52 y [ W 61 |
Similar Part No. - ECWH10123 |
|
Similar Description - ECWH10123 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |