Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH10183 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ECWH10183
Description  Plastic Film Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10183 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ECWH10183 Datasheet HTML 6Page - Panasonic Semiconductor ECWH10183 Datasheet HTML 7Page - Panasonic Semiconductor ECWH10183 Datasheet HTML 8Page - Panasonic Semiconductor ECWH10183 Datasheet HTML 9Page - Panasonic Semiconductor ECWH10183 Datasheet HTML 10Page - Panasonic Semiconductor ECWH10183 Datasheet HTML 11Page - Panasonic Semiconductor ECWH10183 Datasheet HTML 12Page - Panasonic Semiconductor ECWH10183 Datasheet HTML 13Page - Panasonic Semiconductor ECWH10183 Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Temperature Characteristics
Frequency Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-40
-20
0
20
40
60
80
100
ECWH(V) Type 1600VDC Series (Metallized Polypropylene Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
0.01uF
0.0047uF
0.047uF
0.0047u
0.01uF
0.047uF
0.0047uF
0.01uF
0.047uF
0.0047uF
0.01uF
0.047uF
0.0047uF
0.01uF
0.047uF
0.047uF
0.01uF
0.0047uF


Similar Part No. - ECWH10183

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10183 PANASONIC-ECWH10183 Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECWH10183 PANASONIC-ECWH10183 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10183 PANASONIC-ECWH10183 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10183HVC PANASONIC-ECWH10183HVC Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10183JVC PANASONIC-ECWH10183JVC Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH10183

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com