Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEB100F-0512 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # LEB100F-0512
Description  AC-DC Power Supplies Open Frame/ Enclosed type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LEB100F-0512 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  LEB100F-0512 Datasheet HTML 1Page - RSG Electronic Components GmbH LEB100F-0512 Datasheet HTML 2Page - RSG Electronic Components GmbH LEB100F-0512 Datasheet HTML 3Page - RSG Electronic Components GmbH LEB100F-0512 Datasheet HTML 4Page - RSG Electronic Components GmbH LEB100F-0512 Datasheet HTML 5Page - RSG Electronic Components GmbH LEB100F-0512 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
¡INPUT HARMONIC CURRENT (LEB150F-0524)
¡EFFICIENCY (LEB150F-0524)
¡INPUT HARMONIC CURRENT (LEB150F-0524)
¡RISE TIME & FALL TIME (LEB150F-0524)
DC Output
+24V
+5V
AC Input
Io=100%
20ms/DIV
100ms/DIV
ACIN 100V
100
60
140
180
220
260
300
100%
50%
Load factor
Load factor
INPUT VOLTAGE
V
010
20
30
40
0.01
0.001
0.1
1
10
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
100V
HARMONIC ORDER
010
20
30
40
0.01
0.001
0.1
1
10
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
230V
HARMONIC ORDER
84
78
76
74
82
80
72
LEB
LEB-5
LEB150F
External view
I / O Connector Mating Connector
Terminal
(Mfr: J.S.T.)
CN1
CN2
CN3
CN4
B3P5-VH
B8P-VH
B2B-XH-A
B3B-XH-A
VHR-5N
VHR-8N
XHP-2
XHP-3
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SXH-001T-P0.6
Loose: BXH-001T-P0.6
Chain : SXH-001T-P0.6
Loose: BXH-001T-P0.6
¶Keep drawing current per pin below 5A(7A at peak load)for CN2
¶Weight: 530g max
¶Tolerance:
1 [
t0.04]
¶Dimensions in mm, [
]= inches
¶PCB Material : CEM3
¶Chassis and cover is optional.
¶Mounting torque: 1.5N · m(16kgf · cm)max
PIN CONNECTION
Pin No.
1
2
3
4
5
Input
AC(L)
AC(N)
FG
CN1
Pin No. Output
CN2
(Option)
Pin No. Remote ON/OFF
CN3
RC(
+)
RC(
-)
1
, 2
3
, 4
5
, 6
7
, 8
1
2
(Option)
Pin No.
-Z
CN4
+
COM
-
1
2
3
G 2
V 2
G 1
V 1
(Without chassis and cover)
(Option)
(Option)
235
8
8
+
-0.5
CN1
2-
º4.5
º4.5
2-M4
CN3
CN4
[0.31]
[0.31]
[9.25]
[0.18]
[0.14]
[4.13]
[0.06]
[0.2]
[8.03]
[8.35]
[8.74]
[0.18]
[9.25]
[9.92]
235+
-0.5
Mounting
Hole
Mounting
Hole
4-M4
252
Name plate
Mounting
Hole
Voltage adjust(V1)
(204)
5
5
1
4
5
8
3
1
105
4-
º3.5
+
-0.5
212
222
+
-0.5
PCB t=1.6
CN2
CN3
CN4
C119
FG
AC(N)
AC(L)
G2
+V2
G1
+V1
CN1
RC(
-)
RC(
+)
+ COM -
CN4
CN3
Connector for Remote
ON/OFF (option)
Connector for
-Z (option)
CN2
t
Mounting Hole
º3.5-4.0 [0.14-0.16]
Performance data


Similar Part No. - LEB100F-0512

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LEB100F-0512 RSG-LEB100F-0512 Datasheet
114Kb / 2P
   Rugged PCB type
LEB100F-0512 RSG-LEB100F-0512 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LEB100F-0512 RSG-LEB100F-0512 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results

Similar Description - LEB100F-0512

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com