Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEA50F-15 Datasheet(PDF) 7 Page - RSG Electronic Components GmbH

Part # LEA50F-15
Description  AC-DC Power Supplies Open Frame/Enclosed type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LEA50F-15 Datasheet(HTML) 7 Page - RSG Electronic Components GmbH

  LEA50F-15 Datasheet HTML 1Page - RSG Electronic Components GmbH LEA50F-15 Datasheet HTML 2Page - RSG Electronic Components GmbH LEA50F-15 Datasheet HTML 3Page - RSG Electronic Components GmbH LEA50F-15 Datasheet HTML 4Page - RSG Electronic Components GmbH LEA50F-15 Datasheet HTML 5Page - RSG Electronic Components GmbH LEA50F-15 Datasheet HTML 6Page - RSG Electronic Components GmbH LEA50F-15 Datasheet HTML 7Page - RSG Electronic Components GmbH LEA50F-15 Datasheet HTML 8Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MODEL
LEA150F-3R3-Y LEA150F-5 LEA150F-9 LEA150F-12 LEA150F-15 LEA150F-18 LEA150F-24 LEA150F-24-H LEA150F-30 LEA150F-48
MAX OUTPUT WATTAGE[W]
99
150
153
150
150
153
151.2
151.2
150
153.6
DC OUTPUT
*5 3.3V 30A
5V 30A
9V 17A
12V 12.5A
15V 10A
18V 8.5A
24V 6.3A
24V 6.3(7.5)A 30V 5A
48V 3.2A
SPECIFICATIONS
MODEL
LEA150F-3R3-Y LEA150F-5 LEA150F-9 LEA150F-12 LEA150F-15 LEA150F-18 LEA150F-24 LEA150F-24-H LEA150F-30 LEA150F-48
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC120 - 370
CURRENT[A]
ACIN 100V 1.4
2.0typ
ACIN 200V 0.7
1.0typ
FREQUENCY[Hz]
50/60 (47-63) or DC
EFFICIENCY[%]
ACIN 100V 71typ
76typ
79typ
78typ
80typ
81typ
81typ
81typ
84typ
84typ
ACIN 200V 74typ
79typ
82typ
81typ
83typ
84typ
84typ
84typ
87typ
87typ
POWER FACTOR
ACIN 100V 0.98typ
0.99typ
ACIN 200V 0.91typ
0.94typ
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%)(At cold start)(Ta=25
C)
ACIN 200V 30typ (Io=100%)(At cold start)(Ta=25
C)
LEAKAGE CURRENT[mA]
0.75max (60Hz, According to IEC60950 and DEN-AN)
OUTPUT
VOLTAGE[V]
3.3
5
9
12
15
18
24
24
30
48
CURRENT[A]
*1 30
30
17
12.5
10
8.5
6.3
6.3 (Peak 7.5)
5
3.2
LINE REGULATION[mV]
20max
20max
36max
48max
60max
72max
96max
96max
120max
192max
LOAD REGULATION[mV]
40max
40max
100max
100max
120max
120max
150max
150max
180max
300max
RIPPLE[mVp-p]
0to+50
C*2 80max
80max
120max
120max
120max
120max
120max
120max
120max
150max
-10-0
C*2 140max
140max
160max
160max
160max
160max
160max
160max
160max
200max
RIPPLE NOISE[mVp-p]
0to+50
C*2 120max
120max
150max
150max
150max
150max
150max
150max
150max
350max
-10-0
C*2 160max
160max
180max
180max
180max
180max
180max
180max
180max
400max
TEMPERATURE REGULATION[mV]
0to+50
C 50max
50max
90max
120max
150max
180max
240max
240max
300max
480max
-10 to +50
C 60max
60max
120max
150max
180max
200max
290max
290max
360max
600max
DRIFT[mV]
*3 20max
20max
36max
48max
60max
72max
96max
96max
120max
192max
START-UP TIME[ms]
500max (ACIN 100V, Io=100%)
HOLD-UP TIME[ms]
20typ (Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
2.85 - 3.6
Fixed ("Y"which can be adjusted the output is available as optional:
t10%)
OUTPUT VOLTAGE SETTING[V]
3.25 - 3.35
4.9 - 5.3
8.6 - 9.4
11.5 - 12.5
14.4 - 15.6
17.3 - 18.7
23.0 - 25.0
23.0 - 25.0
28.5 - 31.5
46.0 - 50.0
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating (works over 105% of peak current at option -H) and recovers automatically
OVERVOLTAGE PROTECTION
4.00 - 5.25V Works at 115 - 140% of rating
OPERATING INDICATION
Not provided
REMOTE SENSING
Not provided
REMOTE ON/OFF
Option (Refer to Instruction Manual)
ISOLATION
INPUT-OUTPUT
-RC
*4 AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT
-RC-FG
*4 AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-RC
*4 AC100V 1minute, Cutoff current = 100mA, DC100V 10M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-10 to +60
C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1, EN60065, EN50178 Complies with DEN-AN and IEC60950-1 (At only AC input)
CONDUCTED NOISE
Complies with FCC-B, CISPR22-B, EN55022-B, VCCI-B
HARMONIC ATTENUATOR
Complies with IEC61000-3-2
OTHERS
CASE SIZE/WEIGHT
75
X40X222mm (WXHXD) /500g max (without chassis and cover)
COOLING METHOD
Convection
*1 Peak load for 10 sec. or less is acceptable if the total wattage is less than the rated wattage.
*2 This is the value that measured on measuring board with capacitor of 22mF within 150mm
from output terminal.
Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN:
RM101).
*3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C,
with the input voltage held constant at the rated input/output.
*4 Applicable when remote control (optional) is added.
*5 ( ): peak current.
*6 Please contact us about safety approvals for the model with option.
* Parallel operation with other model is not possible.
* Derating is required when operated with chassis and cover.
LEA150F
AC-DC Power Supplies Open Frame/Enclosed type
LEA 150
F
-5
-
O
Ordering information
1Series name
2Output wattage
3Universal input
4Output voltage
5Optional *6
C :with Coating
G :Low leakage current
J2:Mini terminal block
R :with Remote ON/OFF
S :with Chassis
SN :with Chassis & cover
Y :with Potentiometer
R
12345
LEA
LEA-8
Recommended EMI/EMC Filter
NAC-06-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The EMI/EMC Filter is recommended
*to connect with several devices.


Similar Part No. - LEA50F-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEA50F-15 ETC2-LEA50F-15 Datasheet
156Kb / 3P
   Harmonic attenuator, PFC (Complies with IEC61000-3-2)
logo
RSG Electronic Componen...
LEA50F-15 RSG-LEA50F-15 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
More results

Similar Description - LEA50F-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com