Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH10623 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWH10623
Description  Plastic Film Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10623 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWH10623 Datasheet HTML 1Page - Panasonic Semiconductor ECWH10623 Datasheet HTML 2Page - Panasonic Semiconductor ECWH10623 Datasheet HTML 3Page - Panasonic Semiconductor ECWH10623 Datasheet HTML 4Page - Panasonic Semiconductor ECWH10623 Datasheet HTML 5Page - Panasonic Semiconductor ECWH10623 Datasheet HTML 6Page - Panasonic Semiconductor ECWH10623 Datasheet HTML 7Page - Panasonic Semiconductor ECWH10623 Datasheet HTML 8Page - Panasonic Semiconductor ECWH10623 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC61−
Metallized Polypropylene Film Capacitor
Type :
ECWH(V)
Plastic Film Capacitors
Designed for high frequency and pluse applications.
■Features
Low-loss and inherent tempereature rise
Excellent electrical characteristics
Flame-retardant epoxy resin coating
RoHS directive compliant
■Recommended Applications
TV, Monitors, Electronic ballast
■Explanation of Part Numbers
1
23
456
78
9
10
11
12
E
C
W
H
Product code
Dielectric &
construction
Rated vol.
Capacitance
V
Cap. Tol. Suffix
Suffix
10 1000 VDC
12 1250 VDC
16 1600 VDC
20 2000 VDC
H ±3 %
J
±5 %
●Explanation of Part Number for Odd Size Taping
E
C
W
H
Product code
Dielectric &
construction
Rated vol.
Capacitance
R
V
7.5 mm
Crimped
Cap. Tol. Suffix
■Specifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Withstand voltage
Insulation resistance (IR)
– 40 ˚C to + 105 ˚C
1000 VDC, 1250 VDC (1000 Vp-p), 1600 VDC (1200 Vp-p), 2000 VDC (1500 Vp-p)
(Derating of rated voltage by 1.25 %/˚C at more than 85 ˚C)
1000 VDC
1250 VDC
1600 VDC
2000 VDC
0.0075 µF to 0.10 µF
0.0036 µF to 0.10 µF
0.0013 µF to 0.056 µF
0.0010 µF to 0.015 µF
±3 %(H), ±5 %(J)
tan <
=0.1 % (20 ˚C, 1 kHz), tan <
=0.2 % (20 ˚C, 10 kHz)
Between terminals:Rated volt. (VDC)150 % 60 s
Between terminals to enclosure:1500 VAC 60 s
IR>
=30000 M
Ω (20 ˚C, 500 VDC, 60 s)
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Suffix
Blank
B
C
Lead Form
Straight
Crimped lead
Cut lead
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
61


Similar Part No. - ECWH10623

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10623 PANASONIC-ECWH10623 Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECWH10623 PANASONIC-ECWH10623 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10623 PANASONIC-ECWH10623 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10623HVB PANASONIC-ECWH10623HVB Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10623HVB PANASONIC-ECWH10623HVB Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH10623

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com