Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAA150F Datasheet(PDF) 10 Page - RSG Electronic Components GmbH

Part # PAA150F
Description  AC-DC Power Supplies Enclosed type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PAA150F Datasheet(HTML) 10 Page - RSG Electronic Components GmbH

Back Button PAA150F_14 Datasheet HTML 4Page - RSG Electronic Components GmbH PAA150F_14 Datasheet HTML 5Page - RSG Electronic Components GmbH PAA150F_14 Datasheet HTML 6Page - RSG Electronic Components GmbH PAA150F_14 Datasheet HTML 7Page - RSG Electronic Components GmbH PAA150F_14 Datasheet HTML 8Page - RSG Electronic Components GmbH PAA150F_14 Datasheet HTML 9Page - RSG Electronic Components GmbH PAA150F_14 Datasheet HTML 10Page - RSG Electronic Components GmbH PAA150F_14 Datasheet HTML 11Page - RSG Electronic Components GmbH PAA150F_14 Datasheet HTML 12Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
¡INPUT HARMONIC CURRENT (PAA300F-5)
¡EFFICIENCY (PAA300F-5)
¡HARMOINC CURRENT (PAA300F-5)
¡RISE TIME & FALL TIME
(PAA300F-5 )
DC Output
AC Input
50ms/DIV
78
80
76
74
72
70
100
0
140
180
220
260
300
010
20
30
40
010
20
30
40
0.01
0.001
0.1
1
10
0.01
0.001
0.1
1
10
100%
50%
Load factor
Load factor
Load factor
Input voltage AC
Harmonic current standard class A,D(at odd number)
100%
100V
Load factor
Input voltage AC
Harmonic current standard class A,D(at odd number)
100%
230V
INPUT VOLTAGE
V
HARMONIC ORDER
HARMONIC ORDER
Io=100%
ACIN 100V
PAA
PAA-11
PAA300F
External view
¶Weight: 2.2kg or less
¶Tolerance
1
AIR FLOW
FG hole M4
M5
M4
19.5
28max
150+
-0.5
150+
-0.5
20
20
190
7max
Terminal cover
(Top)
(Bottom)
4-M4
(Both sides)
8-M4
(Bottom)
79
AC(L)
AC(N)
FG
-S
+S
CB
VB
RG
RC
Name plate
(-)
(+)
LED
Output
terminal
Output
terminal
Short piece
¶+,-Terminal details
Voltage adjust
+
-
-
+
¶Mounting torque:1.5N.m(16kgf.cm)max
Performance data


Similar Part No. - PAA150F_14

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PAA150F-12 RSG-PAA150F-12 Datasheet
100Kb / 2P
   Unit type
PAA150F-15 RSG-PAA150F-15 Datasheet
100Kb / 2P
   Unit type
More results

Similar Description - PAA150F_14

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
   AC-DC Power Supplies Enclosed Type
April 17, 2018
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
   AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
   AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBA15F RSG-PBA15F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com