Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6K-2F-RF-TDC5 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6K-2F-RF-TDC5
Description  Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2F-RF-TDC5 Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6K-2F-RF-TDC5 Datasheet HTML 1Page - Omron Electronics LLC G6K-2F-RF-TDC5 Datasheet HTML 2Page - Omron Electronics LLC G6K-2F-RF-TDC5 Datasheet HTML 3Page - Omron Electronics LLC G6K-2F-RF-TDC5 Datasheet HTML 4Page - Omron Electronics LLC G6K-2F-RF-TDC5 Datasheet HTML 5Page - Omron Electronics LLC G6K-2F-RF-TDC5 Datasheet HTML 6Page - Omron Electronics LLC G6K-2F-RF-TDC5 Datasheet HTML 7Page - Omron Electronics LLC G6K-2F-RF-TDC5 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
High Frequency Relay
G6K-RF
5
Tape Packaging Specifications
• Add “-TR03” or “-TR09” before the coil voltage to order relays in Tape and Reel packaging. If “-TR03” or “-TR09” is not included, then the relays
will be provided in trays of 300 relays per tray.
- - Add “-TR03” to obtain 300 relays per reel
- - Add “-TR09” to obtain 900 relays per reel
1. Direction of Relay insertion
2. Reel Dimensions
3. Carrier Tape Dimensions
G6K(U)-2F-RF
G6K(U)-2F-RF-S
Top tape
(cover tape)
Carrier tape
Embossed
tape
Orientation mark
Pulling Direction
G6K(U)-2F-RF
Pulling
direction
G6K(U)-2F-RF-S(-T)
Orientation mark
Pulling
direction
R1
A
21±0.8 dia.
2±0.5
13±0.2 dia.
Enlarged View of Section A
29.5±1
25.5±0.5
330
80
3
°
0
°
−1°
3
°
0
°
−1°
4±0.1
12±1.0
8.5±0.1
4.25±0.1
2±0.1
B
B
A
A
1.5
+0.1
0
dia.
1.75±0.1
5.9±0.1
0.4±0.1
10.9±0.1
13.4±0.1
A-A Cross Section
24±0.2
B-B Cross Section
11.5±0.1
3
° max.
3
° max.
4±0.1
12±0.1
9.2±0.1
2±0.1
B
B
A
A
1.5
+0.1
0
dia.
1.75±0.1
5.9±0.1
0.4±0.05
11.3±0.1
A-A Cross Section
24±0.3
B-B Cross Section
11.5±0.1


Similar Part No. - G6K-2F-RF-TDC5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
More results

Similar Description - G6K-2F-RF-TDC5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
logo
Fujitsu Component Limit...
FTR-B3-RF FUJITSU-FTR-B3-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Omron Electronics LLC
G6K-2F-RF-V OMRON-G6K-2F-RF-V Datasheet
545Kb / 7P
   8-GHz Band Miniature DPDT High Frequency Relay for High-speed Differential Transmission Signal Switching
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Omron Electronics LLC
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
logo
Teledyne Technologies I...
S114-5 TELEDYNE-S114-5 Datasheet
40Kb / 3P
   CENTIGRID SURFACE MOUNT AEROSPACE RELAY DPDT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com