Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBA75F-5 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PBA75F-5
Description  AC-DC Power Supplies Enclosed type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA75F-5 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PBA75F-5 Datasheet HTML 1Page - RSG Electronic Components GmbH PBA75F-5 Datasheet HTML 2Page - RSG Electronic Components GmbH PBA75F-5 Datasheet HTML 3Page - RSG Electronic Components GmbH PBA75F-5 Datasheet HTML 4Page - RSG Electronic Components GmbH PBA75F-5 Datasheet HTML 5Page - RSG Electronic Components GmbH PBA75F-5 Datasheet HTML 6Page - RSG Electronic Components GmbH PBA75F-5 Datasheet HTML 7Page - RSG Electronic Components GmbH PBA75F-5 Datasheet HTML 8Page - RSG Electronic Components GmbH PBA75F-5 Datasheet HTML 9Page - RSG Electronic Components GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2.5
Cover name plate
Cover (option)
Name plate
M3
Mounting hole
2-M3
Mounting hole
2-M3
AC(N)
AC(L)
FG
-V
+V
Terminal cover
Point A:C102
68
15.1
±1.5
49.5
±0.5
36±0.5
16.5
±2
11
4
22.6
±1.5
18
[0.71]
[0.65]
[2.68]
[1.95]
[1.42]
[0.43]
[0.16]
[0.59]
[0.89]
[0.1]
[0.48]
12.2
±1.5
PBA10F
LED
Voltage adjust
Tolerance : ±1 [±0.04]
Weight : 150g max (without cover)
PCB Material/thickness : CEM3 / 1.6mm [0.06]
¶ Chassis material : Electric galvanizing steel board
Dimensions in mm, [
]= inches
Mounting torque : 0.6N • m(6.3kgf • cm)max
Screw tightening torque : M3 0.8N • m(8.5kgf • cm)max
Please connect safety ground to the unit in 2-M3 holes.
¶ External size of option T,J,N,N1 and V is different from standard model and refer to 7 Option of instruction manual for details.
PBA/PBW
PBA/PBW-3
PBA10F
Block diagram
2.5A
AC250V
NOISE
FILTER
INVERTER
CONTROL
CURRENT
SENSING
RECTIFIER
AND
FILTER
CONTROL
AC IN
DC OUT
FG
Photocoupler
Photocoupler
TRANSFORMER
85 - 264V
INRUSH
CURRENT
LIMIT
FUSE
OVER VOLTAGE
PROTECTION
RECTIFIER
AND
FILTER
External view


Similar Part No. - PBA75F-5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBA75F-5 XPPOWER-PBA75F-5 Datasheet
214Kb / 5P
   AC-DC Chassis Mount
logo
RSG Electronic Componen...
PBA75F-5 RSG-PBA75F-5 Datasheet
138Kb / 2P
   Unit type
More results

Similar Description - PBA75F-5

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
   AC-DC Power Supplies Enclosed Type
April 17, 2018
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
   AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
   AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBA15F RSG-PBA15F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com