Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH12393 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECWH12393
Description  Plastic Film Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH12393 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECWH12393 Datasheet HTML 3Page - Panasonic Semiconductor ECWH12393 Datasheet HTML 4Page - Panasonic Semiconductor ECWH12393 Datasheet HTML 5Page - Panasonic Semiconductor ECWH12393 Datasheet HTML 6Page - Panasonic Semiconductor ECWH12393 Datasheet HTML 7Page - Panasonic Semiconductor ECWH12393 Datasheet HTML 8Page - Panasonic Semiconductor ECWH12393 Datasheet HTML 9Page - Panasonic Semiconductor ECWH12393 Datasheet HTML 10Page - Panasonic Semiconductor ECWH12393 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Temperature Characteristics
Frequency Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-40
-20
0
20
40
60
80
100
ECWH(V) Type 1000VDC Series (Metallized Polypropylene Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
0.01uF
0.047uF
0.1uF
0.1uF
0.047uF
0.01uF
0.1uF
0.047uF
0.01uF
0.01uF
0.1uF
0.01uF
0.1uF
0.01uF
0.1uF


Similar Part No. - ECWH12393

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH12393 PANASONIC-ECWH12393 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH12393MV PANASONIC-ECWH12393MV Datasheet
98Kb / 7P
   Metallized Polypropylene Film Capacitor
ECWH12393V PANASONIC-ECWH12393V Datasheet
207Kb / 14P
   Metallized Polypropylene Film Capaitor
ECWH12393V PANASONIC-ECWH12393V Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
More results

Similar Description - ECWH12393

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com