Electronic Components Datasheet Search |
|
PU110 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH |
|
PU110 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH |
2 / 2 page UNIVERSAL INPUT PU110 ITE SERIES OUTPUT VOLTAGE/CURRENT RATING CHART Output # 1 (2)(4) Output # 2 Output # 3 Output # 4 Model (3) V1 Imin. Imax. Tol. V2 Imin. Imax. Peak (1) Tol. V3 Imin. Imax. Tol. V4 Imin. Imax. Tol. Max. Output Power (2) PU110-10-1A 3.3 V 0 A 22.0 A ±3% (N/A) (N/A) (N/A) 60 W / 72 W PU110-10A 5 V 0 A 22.0 A ±3% (N/A) (N/A) (N/A) 80 W / 110 W PU110-12A 12 V 0 A 9.0 A ±2% (N/A) (N/A) (N/A) 80 W / 110 W PU110-13A 15 V 0 A 7.5 A ±2% (N/A) (N/A) (N/A) 80 W / 110 W PU110-14A 24 V 0 A 4.5 A ±2% (N/A) (N/A) (N/A) 80 W / 110 W PU110-16A 30 V 0 A 3.6 A ±2% (N/A) (N/A) (N/A) 80 W / 110 W PU110-23A +5 V 0 A 10.0 A ±3% +12 V 0 A 5 A 9.0 A ±3% (N/A) (N/A) 80 W / 110 W PU110-31A +5 V 0 A 10.0 A ±3% +12 V 0 A 5 A 9.0 A ±3% -12 V 0 A 1 A ±4% (N/A) 80 W / 110 W PU110-32A +5 V 0 A 10.0 A ±3% +15 V 0 A 4 A 7.5 A ±3% -15 V 0 A 1 A ±4% (N/A) 80 W / 110 W PU110-40A +5 V 0 A 10.0 A ±3% +12 V 0 A 5 A 9.0 A ±3% -12 V 0 A 1 A ±4% -5 V 0 A 1 A ±4% 80 W / 110 W PU110-41A +5 V 0 A 10.0 A ±3% +15 V 0 A 4 A 7.5 A ±3% -15 V 0 A 1 A ±4% +24 V 0 A 1 A ±4% 80 W / 110 W PU110-42A +5 V 0 A 10.0 A ±3% +12 V 0 A 5 A 9.0 A ±3% -12 V 0 A 1 A ±4% +12 V 0 A 1 A ±4% 80 W / 110 W PU110-45A +5 V 0 A 10.0 A ±3% +12 V 0 A 5 A 9.0 A ±3% -12 V 0 A 1 A ±4% +24 V 0 A 1 A ±4% 80 W / 110 W PU110-45-1A +5 V 2 A 10.0 A ±3% +12 V 0 A 5 A 9.0 A ±3% -12 V 0 A 1 A ±4% +24 V 1.5 A 3 A ±10% 80 W / 110 W PU110-45-2A +5 V 0 A 10.0 A ±3% +24 V 0 A 3 A 5.0 A ±3% -12 V 0 A 1 A ±4% +12 V 0 A 1 A ±4% 80 W / 110 W PU110-46A +5 V 0 A 10.0 A ±3% +15 V 0 A 4 A 7.5 A ±3% -15 V 0 A 1 A ±4% -5 V 0 A 1 A ±4% 80 W / 110 W NOTES: 1. Peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts. 2. 110 watts maximum at 25 CFM forced air cooling or 80 watts maximum at convection cooling, except model PU110-10-1A which is rated maximum 60 W at convection cooling or 72 W at 25 CFM forced air cooling. 3. Safety agency approvals are for the above listed models in PCB format. To order models with metallic L-bracket or box, change suffix “A” to “B” for L-bracket format, to “C” for enclosed format (mechanical details shown in page 71-72), e.g. PU110-31C. 4. The output #1 of model PU110-45-1A needs a minimum current of 2 A to support the other outputs at their maximum rated loads 5. Ripple and noise is maximum peak-to-peak voltage value measured at output within 20 MHz bandwidth, at rated line voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the output. MECHANICAL SPECIFICATIONS NOTES: 1. Dimensions shown in inches [mm] 2. Tolerance 0.02 [0.5] maximum 3. Connector P1: Molex header 09-65-2058 or equivalent, mating with Molex housing 09-50-1051 or equivalent. 4. Connector P2 mates with Molex housing 09-50-3131 or equivalent. 5. Weight: 640 grams (1.408 lbs.) approx. 6. The copper pad of the mounting hole near P1 is for system grounding through a metallic stand-off to system chassis. PIN CHART 1, 2, 3 4, 5 6, 7 8, 9 10 11 12 13 PU110-10-1A PU110-13A PU110-10A PU110-14A PU110-12A PU110-16A +V1 V1 & PFD Return V1 & PFD Return +V1 PFD N.C. KEY N.C. PU110-23A V1 Common Return Common Return V2 PFD N.C. KEY N.C. PU110-31A PU110-32A V1 Common Return Common Return V2 PFD V3 KEY N.C. PU110-40A PU110-45-1A PU110-41A PU110-45-2A PU110-42A PU110-46A PU110-45A V1 Common Return Common Return V2 PFD V3 KEY V4 60 PIN MODEL |
Similar Part No. - PU110_14 |
|
Similar Description - PU110_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |