Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PU110-10A Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PU110-10A
Description  72-110 WATT ITE POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PU110-10A Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PU110-10A Datasheet HTML 1Page - RSG Electronic Components GmbH PU110-10A Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
PU110 ITE SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output # 1
(2)(4)
Output # 2
Output # 3
Output # 4
Model
(3)
V1
Imin.
Imax.
Tol.
V2
Imin. Imax. Peak
(1)
Tol.
V3
Imin. Imax. Tol.
V4
Imin.
Imax.
Tol.
Max.
Output
Power
(2)
PU110-10-1A 3.3 V
0 A
22.0 A
±3%
(N/A)
(N/A)
(N/A)
60 W / 72 W
PU110-10A
5 V
0 A
22.0 A
±3%
(N/A)
(N/A)
(N/A)
80 W / 110 W
PU110-12A
12 V
0 A
9.0 A
±2%
(N/A)
(N/A)
(N/A)
80 W / 110 W
PU110-13A
15 V
0 A
7.5 A
±2%
(N/A)
(N/A)
(N/A)
80 W / 110 W
PU110-14A
24 V
0 A
4.5 A
±2%
(N/A)
(N/A)
(N/A)
80 W / 110 W
PU110-16A
30 V
0 A
3.6 A
±2%
(N/A)
(N/A)
(N/A)
80 W / 110 W
PU110-23A
+5 V
0 A
10.0 A
±3% +12 V
0 A
5 A
9.0 A
±3%
(N/A)
(N/A)
80 W / 110 W
PU110-31A
+5 V
0 A
10.0 A
±3% +12 V
0 A
5 A
9.0 A
±3% -12 V
0 A
1 A
±4%
(N/A)
80 W / 110 W
PU110-32A
+5 V
0 A
10.0 A
±3% +15 V
0 A
4 A
7.5 A
±3% -15 V
0 A
1 A
±4%
(N/A)
80 W / 110 W
PU110-40A
+5 V
0 A
10.0 A
±3% +12 V
0 A
5 A
9.0 A
±3% -12 V
0 A
1 A
±4%
-5 V
0 A
1 A
±4% 80 W / 110 W
PU110-41A
+5 V
0 A
10.0 A
±3% +15 V
0 A
4 A
7.5 A
±3% -15 V
0 A
1 A
±4% +24 V
0 A
1 A
±4% 80 W / 110 W
PU110-42A
+5 V
0 A
10.0 A
±3% +12 V
0 A
5 A
9.0 A
±3% -12 V
0 A
1 A
±4% +12 V
0 A
1 A
±4% 80 W / 110 W
PU110-45A
+5 V
0 A
10.0 A
±3% +12 V
0 A
5 A
9.0 A
±3% -12 V
0 A
1 A
±4% +24 V
0 A
1 A
±4% 80 W / 110 W
PU110-45-1A
+5 V
2 A
10.0 A
±3% +12 V
0 A
5 A
9.0 A
±3% -12 V
0 A
1 A
±4% +24 V 1.5 A 3 A
±10% 80 W / 110 W
PU110-45-2A
+5 V
0 A
10.0 A
±3% +24 V
0 A
3 A
5.0 A
±3% -12 V
0 A
1 A
±4% +12 V
0 A
1 A
±4% 80 W / 110 W
PU110-46A
+5 V
0 A
10.0 A
±3% +15 V
0 A
4 A
7.5 A
±3% -15 V
0 A
1 A
±4%
-5 V
0 A
1 A
±4% 80 W / 110 W
NOTES:
1.
Peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
2.
110 watts maximum at 25 CFM forced air cooling or 80 watts maximum at convection cooling, except model PU110-10-1A which is rated
maximum 60 W at convection cooling or 72 W at 25 CFM forced air cooling.
3.
Safety agency approvals are for the above listed models in PCB format. To order models with metallic L-bracket or box, change suffix “A” to “B”
for L-bracket format, to “C” for enclosed format (mechanical details shown in page 71-72), e.g. PU110-31C.
4.
The output #1 of model PU110-45-1A needs a minimum current of 2 A to support the other outputs at their maximum rated loads
5.
Ripple and noise is maximum peak-to-peak voltage value measured at output within 20 MHz bandwidth, at rated line voltage and output load
ranges, and with a 10
μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the output.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inches [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Connector P1: Molex header 09-65-2058 or
equivalent,
mating
with
Molex
housing
09-50-1051 or equivalent.
4.
Connector P2 mates with Molex housing
09-50-3131 or equivalent.
5.
Weight: 640 grams (1.408 lbs.) approx.
6.
The copper pad of the mounting hole near P1
is for system grounding through a metallic
stand-off to system chassis.
PIN CHART
1, 2, 3
4, 5
6, 7
8, 9
10
11
12
13
PU110-10-1A PU110-13A
PU110-10A
PU110-14A
PU110-12A
PU110-16A
+V1
V1 & PFD Return V1 & PFD Return
+V1
PFD
N.C.
KEY
N.C.
PU110-23A
V1
Common Return
Common Return
V2
PFD
N.C.
KEY
N.C.
PU110-31A
PU110-32A
V1
Common Return
Common Return
V2
PFD
V3
KEY
N.C.
PU110-40A
PU110-45-1A
PU110-41A
PU110-45-2A
PU110-42A
PU110-46A
PU110-45A
V1
Common Return
Common Return
V2
PFD
V3
KEY
V4
60
PIN
MODEL


Similar Part No. - PU110-10A

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PU110-10A TRUMPOWER-PU110-10A Datasheet
246Kb / 2P
   SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU110-10A RSG-PU110-10A Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU110-10A

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
   110 WATT MEDICAL POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
   100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
   30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
FSP TECHNOLOGY INC.
FSP250-H24-A FSP-FSP250-H24-A Datasheet
531Kb / 3P
   250W ITE Power Supplies
2022.04
logo
Tumbler Technologies + ...
TMC60-S05 TRUMPOWER-TMC60-S05 Datasheet
123Kb / 2P
   37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
   150W ITE POWER SUPPLIES
2022.10
FSP200-P35 FSP-FSP200-P35 Datasheet
396Kb / 3P
   200W ITE POWER SUPPLIES
2022.10
FSP150-P35 FSP-FSP150-P35 Datasheet
442Kb / 3P
   150W ITE POWER SUPPLIES
2019.04
FSP350-F35-A FSP-FSP350-F35-A Datasheet
1Mb / 3P
   350W ITE POWER SUPPLIES
2022.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com