Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS50BAF-3 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # ZWS50BAF-3
Description  50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

ZWS50BAF-3 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  ZWS50BAF-3 Datasheet HTML 1Page - RSG Electronic Components GmbH ZWS50BAF-3 Datasheet HTML 2Page - RSG Electronic Components GmbH ZWS50BAF-3 Datasheet HTML 3Page - RSG Electronic Components GmbH ZWS50BAF-3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZWS-BAF Series
1
ZWS-BAF Series
50W to 150W Single Output Power Supplies,
Low Cost, Worldwide Use
Key Market Segments & Applications
Factory Automation
Test & Measurement
Light Industrial Equipment
• Universal Input (85 - 265VAC)
• Power Factor Corrected
• Convection Cooled
• 5 year warranty
• Compact Design
ZWS-BAF Features and Benefits
Features
Benefits
Convection Cooled
Better Field Reliability
5 Year Warranty
Lower Cost of Ownership
Power Factor Corrected
Supports Global Use
Specifications
MODELS
ZWS50BAF
ZWS75BAF
ZWS100BAF
ZWS150BAF
ITEMS
AC Input Voltage range
-
85-265VAC (47-63Hz)
DC Input Voltage range
-
120 - 370VDC
Input Current (Typical)
(2)
A
0.45 / 0.25
1.0 / 0.5
1.3 / 0.65
1.9 / 0.95
Inrush Current
(2)
A
14 / 28 25°C ambient, cold start
Power Factor (Active)
-
Meets EN61000-3-2 (Typically 0.98/0.93)
Maximum Ripple and Noise
mV
3.3 & 5V: 120mV, 12 to 24V: 150mV, 48V: 200mV
Temperature Coefficient
-
<0.02%/°C
Overcurrent Protection
(1)
-
>105% of maximum output current
Hold Up Time (Typ) at 100VAC
ms
20ms
Leakage Current
-
0.5mA max, 0.4mA typ at 230VAC
Remote On / Off
-
Optional
Operating Temperature (Convection)
-
-10 to +70°C, derate linearly to 50% load from 50 to 70°C
Operating Temperature (Forced Air)
-
-10 to +70°C, derate linearly to 75% load from 60 to 70°C
Storage Temperature
°C
-30 to +75°C
Humidity (non condensing)
-
Operating: 30 - 90%RH, storage: 10 - 90%RH
Withstand Voltage
-
I/P to Grnd 2kVAC (10mA), I/P to O/P 3kVAC (10mA), O/P to Grnd 500VAC (20mA) for 1 min.
Isolation Resistance
-
>100MΩ at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz (1 minute sweep), 19.6m/s2 constant X, Y, Z 1 hour
Shock
-
< 196.1 m/s2
Safety Agency Certifications
-
UL60950-1, CSA60950-1, EN60950-1, EN50178 (OV II), CE Mark
Conducted & Radiated EMI
-
EN55011/EN55022-B, FCC-B, VCCI-B
Immunity
-
IEC61000-4-2 (lv 2,3), -3 (lv3), -4 (lv 3), 50/75W: -5 (lv4); 100/150W: -5 (lv 3,4), -6 (lv 3), -8 (lv 4), -11
Weight (Typ)
g
165
230
290
390
Size (W x H x D)
mm
50 x 26 x 132
50 x 33 x 150
62 x 33 x 155
75 x 37 x 160
Warranty
yrs
5
Notes:
(1)
Avoid prolonged operation in overload (2) 100 / 200VAC Input


Similar Part No. - ZWS50BAF-3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZWS50BAF-3 TDK-ZWS50BAF-3 Datasheet
221Kb / 1P
   AC-DC Power Supplies
ZWS50BAF-3-A TDK-ZWS50BAF-3-A Datasheet
237Kb / 1P
   AC-DC Power Supplies
ZWS50BAF-3-CO2 TDK-ZWS50BAF-3-CO2 Datasheet
221Kb / 1P
   AC-DC Power Supplies
ZWS50BAF-3-L TDK-ZWS50BAF-3-L Datasheet
224Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - ZWS50BAF-3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
   Single Output Low Cost, Worldwide Use
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
TDK Electronics
ZWS150BP TDK-ZWS150BP Datasheet
537Kb / 2P
   150W to 480W Single Output Power Supplies
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
logo
MicroPower Direct, LLC
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
logo
SL Power Electronics
FLU4-150 SLPOWER-FLU4-150 Datasheet
502Kb / 4P
   150W QUAD OUTPUT SWITCHING POWER SUPPLIES
logo
MicroPower Direct, LLC
MPA150 MPD-MPA150 Datasheet
387Kb / 2P
   Compact 1U 150W Single Output Power Factor Corrected AC/DC Power Supplies
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com