Electronic Components Datasheet Search |
|
ZWS50BAF-15 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH |
|
ZWS50BAF-15 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH |
1 / 4 page ZWS-BAF Series 1 ZWS-BAF Series 50W to 150W Single Output Power Supplies, Low Cost, Worldwide Use Key Market Segments & Applications Factory Automation Test & Measurement Light Industrial Equipment • Universal Input (85 - 265VAC) • Power Factor Corrected • Convection Cooled • 5 year warranty • Compact Design ZWS-BAF Features and Benefits Features Benefits • Convection Cooled • Better Field Reliability • 5 Year Warranty • Lower Cost of Ownership • Power Factor Corrected • Supports Global Use Specifications MODELS ZWS50BAF ZWS75BAF ZWS100BAF ZWS150BAF ITEMS AC Input Voltage range - 85-265VAC (47-63Hz) DC Input Voltage range - 120 - 370VDC Input Current (Typical) (2) A 0.45 / 0.25 1.0 / 0.5 1.3 / 0.65 1.9 / 0.95 Inrush Current (2) A 14 / 28 25°C ambient, cold start Power Factor (Active) - Meets EN61000-3-2 (Typically 0.98/0.93) Maximum Ripple and Noise mV 3.3 & 5V: 120mV, 12 to 24V: 150mV, 48V: 200mV Temperature Coefficient - <0.02%/°C Overcurrent Protection (1) - >105% of maximum output current Hold Up Time (Typ) at 100VAC ms 20ms Leakage Current - 0.5mA max, 0.4mA typ at 230VAC Remote On / Off - Optional Operating Temperature (Convection) - -10 to +70°C, derate linearly to 50% load from 50 to 70°C Operating Temperature (Forced Air) - -10 to +70°C, derate linearly to 75% load from 60 to 70°C Storage Temperature °C -30 to +75°C Humidity (non condensing) - Operating: 30 - 90%RH, storage: 10 - 90%RH Withstand Voltage - I/P to Grnd 2kVAC (10mA), I/P to O/P 3kVAC (10mA), O/P to Grnd 500VAC (20mA) for 1 min. Isolation Resistance - >100MΩ at 25°C & 70%RH, Output to Ground 500VDC Vibration (non operating) - 10 - 55Hz (1 minute sweep), 19.6m/s2 constant X, Y, Z 1 hour Shock - < 196.1 m/s2 Safety Agency Certifications - UL60950-1, CSA60950-1, EN60950-1, EN50178 (OV II), CE Mark Conducted & Radiated EMI - EN55011/EN55022-B, FCC-B, VCCI-B Immunity - IEC61000-4-2 (lv 2,3), -3 (lv3), -4 (lv 3), 50/75W: -5 (lv4); 100/150W: -5 (lv 3,4), -6 (lv 3), -8 (lv 4), -11 Weight (Typ) g 165 230 290 390 Size (W x H x D) mm 50 x 26 x 132 50 x 33 x 150 62 x 33 x 155 75 x 37 x 160 Warranty yrs 5 Notes: (1) Avoid prolonged operation in overload (2) 100 / 200VAC Input |
Similar Part No. - ZWS50BAF-15 |
|
Similar Description - ZWS50BAF-15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |