Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP-2525CZ-07 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IHLP-2525CZ-07
Description  Low Profile, IHLP® Power Inductors - DC Resistance Tolerance 5 %
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP-2525CZ-07 Datasheet(HTML) 1 Page - Vishay Siliconix

  IHLP-2525CZ-07 Datasheet HTML 1Page - Vishay Siliconix IHLP-2525CZ-07 Datasheet HTML 2Page - Vishay Siliconix IHLP-2525CZ-07 Datasheet HTML 3Page - Vishay Siliconix IHLP-2525CZ-07 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IHLP-2525CZ-07
www.vishay.com
Vishay Dale
Revision: 20-Sep-13
1
Document Number: 34168
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Profile, IHLP® Power Inductors -
DC Resistance Tolerance 5 %
Manufactured under one or more of the following:
US Patents; 6,198,375/6,204,744/6,449,829/6,460,244.
Several foreign patents, and other patents pending.
Notes
(1) All test data is referenced to 25 °C ambient
(2) Operating temperature range -55 °C to +125 °C
(3) DC current (A) that will cause an approximate
T of 40 °C
(4) DC current (A) that will cause L0 to drop approximately 20 %
(5) The part temperature (ambient + temp. rise) should not exceed
125 °C under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow
and other cooling provisions all affect the part temperature. Part
temperature should be verified in the end application.
FEATURES
• Lowest height (3.0 mm) in this package footprint
• Shielded construction
• Frequency range up to 5.0 MHz
• Lowest DCR/μH, in this package size
• Handles high transient current spikes without saturation
• Ultra low buzz noise, due to composite construction
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Tolerance DCR for current sense applications
• Improved current balance in phased power supplies
• Improved thermal management
• PDA/notebook/desktop/server
and
battery
powered
devices
• High current, low profile POL converters
• DC/DC converters in distributed power systems
• DC/DC converter for Field Programmable Gate Array
(FPGA)
STANDARD ELECTRICAL SPECIFICATIONS
L0
INDUCTANCE
± 20 % AT 100 kHz,
0.25 V, 0 A
(μH)
DCR
± 5 %
AT 25 °C
(m
)
HEAT
RATING
CURRENT
DC TYP.
(A) (3)
SATURATION
CURRENT
DC TYP.
(A) (4)
0.10
1.30
32.5
60
0.15
1.85
26
52
0.20
2.34
24
41
0.33
3.20
20
30
0.47
3.86
17.5
26
0.68
5.20
15.5
25
0.82
7.41
13
24
1.0
8.44
11
22
1.5
14.50
9
18
2.2
17.73
8
14
3.3
28.21
6
13.5
4.7
37.11
5.5
10
8.2
61.47
4
7.5
10
97.71
3
7.0
DIMENSIONS in inches [millimeters]
0.255 ± 0.010
[6.47 ± 0.254]
0.270 ± 0.015
[6.86 ± 0.381]
0.125 ± 0.01
[3.18 ± 0.3]
Typical Pad Layout (Min.)
0.135
[3.43]
0.290
[7.37]
0.146
[3.71]
0.118 [3.0] Max.
0.050 ± 0.012
[1.27 ± 0.30]
DESCRIPTION
IHLP-2525CZ-07
1.0 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
H
L
P
2
525
C
Z
E
R
1
R
0
M
07
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.
SERIES


Similar Part No. - IHLP-2525CZ-07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07 Datasheet
149Kb / 4P
   5 % DCR Tolerance, Low Profile, IHLP® Power Inductor
Revision: 07-May-08
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07 Datasheet
678Kb / 4P
   Low Profile, IHLP® Power Inductors - DC Resistance Tolerance 5 %
Revision: 20-Sep-13
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07 Datasheet
678Kb / 4P
   Low Profile, IHLP® Power Inductors - DC Resistance Tolerance 5 %
Revision: 20-Sep-13
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07 Datasheet
150Kb / 4P
   IHLP® Commercial Inductors, High Saturation Series, 5 % DCR Tolerance
Revision: 14-Jul-17
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07 Datasheet
406Kb / 6P
   IHLP® Commercial Inductors, High Saturation Series, 5 % DCR Tolerance
01-Jan-2022
More results

Similar Description - IHLP-2525CZ-07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP2525CZERR47M07 VISHAY-IHLP2525CZERR47M07 Datasheet
678Kb / 4P
   Low Profile, IHLP® Power Inductors - DC Resistance Tolerance 5 %
Revision: 20-Sep-13
IHLP2525CZER2R2M07 VISHAY-IHLP2525CZER2R2M07 Datasheet
678Kb / 4P
   Low Profile, IHLP® Power Inductors - DC Resistance Tolerance 5 %
Revision: 20-Sep-13
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07 Datasheet
149Kb / 4P
   5 % DCR Tolerance, Low Profile, IHLP® Power Inductor
Revision: 07-May-08
IHLM-2525CZ-07 VISHAY-IHLM-2525CZ-07_V01 Datasheet
387Kb / 6P
   Low Profile, Power Inductors - DC Resistance Tolerance 5 % - Special Molding
01-Jan-2022
IHLM-2525CZ-07 VISHAY-IHLM-2525CZ-07_17 Datasheet
127Kb / 4P
   Low Profile, Power Inductors - DC Resistance Tolerance 5 % - Special Molding
Revision: 02-Aug-17
IHLP-2525CZ-06 VISHAY-IHLP-2525CZ-06 Datasheet
149Kb / 4P
   10 % DCR Tolerance, Low Profile, IHLP® Power Inductor
Revision: 07-May-08
IHLM-2525CZ-06 VISHAY-IHLM-2525CZ-06_V01 Datasheet
368Kb / 6P
   Low Profile, Power Inductors - DC Resistance Tolerance 10 % - Special Molding
01-Jan-2022
IHLM-2525CZ-06 VISHAY-IHLM-2525CZ-06_17 Datasheet
126Kb / 4P
   Low Profile, Power Inductors - DC Resistance Tolerance 10 % - Special Molding
Revision: 01-Aug-17
IHLP-2525CZ-07 VISHAY-IHLP-2525CZ-07_17 Datasheet
150Kb / 4P
   IHLP® Commercial Inductors, High Saturation Series, 5 % DCR Tolerance
Revision: 14-Jul-17
IHLP-5050CE-07 VISHAY-IHLP-5050CE-07_17 Datasheet
140Kb / 4P
   IHLP® Commercial Inductors, High Saturation Series, 5 % DCR Tolerance
Revision: 14-Jul-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com