Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS150BAF-15 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # ZWS150BAF-15
Description  50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

ZWS150BAF-15 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  ZWS150BAF-15 Datasheet HTML 1Page - RSG Electronic Components GmbH ZWS150BAF-15 Datasheet HTML 2Page - RSG Electronic Components GmbH ZWS150BAF-15 Datasheet HTML 3Page - RSG Electronic Components GmbH ZWS150BAF-15 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZWS-BAF Series
2
Model
Output
Output Adjust
Max Current
Max Output
Efficiency
Load Reg
Line Reg
OVP
Voltage
Range (V)
(A)
Power(W)
(typ) %
(mV)
(mV)
(V)
ZWS50BAF-3
3.3V
2.97-3.63
10
33
79
40
20
3.8-4.95
ZWS50BAF-5
5V
4.5-5.5
10
50
84
40
20
5.75-7
ZWS50BAF-12
12V
10.8-13.2
4.3
51.6
85
96
48
13.8-16.2
ZWS50BAF-15
15V
13.5-16.5
3.5
52.5
86
120
60
17.3-20.3
ZWS50BAF-24
24V
21.6-26.4
2.1
50.4
87
150
96
27.6-32.4
ZWS50BAF-48
48V
43.2-52.8
1.1
52.8
87
240
192
55.2-64.8
ZWS75BAF-3
3.3V
2.97-3.63
15
49.5
79
40
20
3.8-4.95
ZWS75BAF-5
5V
4.5-5.5
15
75
84
40
20
5.75-7
ZWS75BAF-12
12V
10.8-13.2
6.3
75
85
96
48
13.8-16.2
ZWS75BAF-15
15V
13.5-16.5
5
75
86
120
60
17.3-20.3
ZWS75BAF-24
24V
21.6-26.4
3.2
76.8
87
150
96
27.6-32.4
ZWS75BAF-48
48V
43.2-52.8
1.6
76.8
88
240
192
55.2-64.8
ZWS100BAF-3
3.3V
2.97-3.63
20
66
84
40
20
3.79-4.95
ZWS100BAF-5
5V
4.5-5.5
20
100
86
40
20
5.75-7
ZWS100BAF-12
12V
10.8-13.2
8.5
102
88
96
48
13.8-16.2
ZWS100BAF-15
15V
13.5-16.5
6.7
100.5
88
120
60
17.3-20.3
ZWS100BAF-24
24V
21.6-26.4
4.3
103.2
89
150
96
27.6-32.4
ZWS100BAF-48
48V
39.5-52.8
2.1
100.8
90
240
192
55.2-64.8
ZWS150BAF-3
3.3V
2.97-3.63
30
99
84
40
20
3.79-4.95
ZWS150BAF-5
5V
4.5-5.5
30
150
87
40
20
5.75-7
ZWS150BAF-12
12V
10.8-13.2
12.5
150
88
96
48
13.8-16.2
ZWS150BAF-15
15V
13.5-16.5
10
150
89
120
60
17.3-20.3
ZWS150BAF-24
24V
21.6-26.4
6.3
151.2
90
150
96
27.6-32.4
ZWS150BAF-48
48V
39.5-52.8
3.2
153.6
91
240
192
55.2-64.8
Model Selector
5 V
10 A
100-240VAC
ZWS50BAF-5
OUTPUT
50/60Hz
INPUT
MADE IN JAPAN
0.67 A
Outline Drawing ZWS50BAF
Note: ZWS50 & 75 available Q1 2011
Notes:
A:
4 - 3.5mm Ø holes are for customers chassis mounting holes. All must be screwed in order
to conform the vibration specification.
B:
Model name, input voltage range nominal output voltage and maximum output current are
shown here in accordance with the specifications.
C:
Country of manufacture will be shown here.
D:
is for safety ground connection.
E:
To keep the distance more than 4mm between PCB edge and customer’s chassis.


Similar Part No. - ZWS150BAF-15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZWS150BAF-15 TDK-ZWS150BAF-15 Datasheet
212Kb / 1P
   AC-DC Power Supplies
ZWS150BAF-15-A TDK-ZWS150BAF-15-A Datasheet
249Kb / 1P
   AC-DC Power Supplies
ZWS150BAF-15-CO2 TDK-ZWS150BAF-15-CO2 Datasheet
212Kb / 1P
   AC-DC Power Supplies
ZWS150BAF-15-L TDK-ZWS150BAF-15-L Datasheet
217Kb / 1P
   AC-DC Power Supplies
ZWS150BAF-15-R TDK-ZWS150BAF-15-R Datasheet
212Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - ZWS150BAF-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
   Single Output Low Cost, Worldwide Use
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
TDK Electronics
ZWS150BP TDK-ZWS150BP Datasheet
537Kb / 2P
   150W to 480W Single Output Power Supplies
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
logo
MicroPower Direct, LLC
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
logo
SL Power Electronics
FLU4-150 SLPOWER-FLU4-150 Datasheet
502Kb / 4P
   150W QUAD OUTPUT SWITCHING POWER SUPPLIES
logo
MicroPower Direct, LLC
MPA150 MPD-MPA150 Datasheet
387Kb / 2P
   Compact 1U 150W Single Output Power Factor Corrected AC/DC Power Supplies
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com