Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA132UA2K5E4 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA132UA2K5E4
Description  Low Power, Single-Supply DIFFERENCE AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA132UA2K5E4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA132UA2K5E4 Datasheet HTML 4Page - Texas Instruments INA132UA2K5E4 Datasheet HTML 5Page - Texas Instruments INA132UA2K5E4 Datasheet HTML 6Page - Texas Instruments INA132UA2K5E4 Datasheet HTML 7Page - Texas Instruments INA132UA2K5E4 Datasheet HTML 8Page - Texas Instruments INA132UA2K5E4 Datasheet HTML 9Page - Texas Instruments INA132UA2K5E4 Datasheet HTML 10Page - Texas Instruments INA132UA2K5E4 Datasheet HTML 11Page - Texas Instruments INA132UA2K5E4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
®
INA132
5
6
1
3
INA132
2
V
1
V
O
A
2
A
1
R
2
R
2
R
1
–In
V
2
+In
V
O = (1 + 2R2/R1) (V2 –V1)
The INA132 can be combined with op amps to form a complete instru-
mentation amplifier with specialized performance characteristics. Burr-
Brown offers many complete high performance IAs. Products with related
performances are shown at the right.
SIMILIAR COMPLETE
A1, A2
FEATURE
BURR-BROWN IA
OPA27
Low Noise
INA103
OPA129
Ultra Low Bias Current (fA)
INA116
OPA177
Low Offset Drift, Low Noise
INA114,INA128
OPA2130
Low Power, FET-Input (pA)
INA111
OPA2234
Single Supply, Precision,
Low Power
INA122(1), INA118
OPA2237
Single Supply, Low Power,
MSOP-8
INA122(1), INA126(1)
NOTE: (1) Available 1Q’97.
5
6
1
INA132
BUF634
2
3
V
O
R
L
–In
+In
(Low I
Q mode)
BUF634 inside feedback
loop contributes no error.
FIGURE 4. Low Power, High Output Current Precision
Difference Amplifier.
FIGURE 5. Pseudoground Generator.
5
6
2
(V+)/2
INA132
V+
1
7
4
V+
Ground
Ground
3
FIGURE 3. Precision Instrumentation Amplifier.
FIGURE 6. Differential Input Data Acquisition.
5
6
1
INA132
ADS7806
2
3
4
7
+5V
–In
12 Bits
Out
0V-4V
Input
+In
V
CM = 0V to 8V
τ
S = 45µs (4V Step to 0.01%)


Similar Part No. - INA132UA2K5E4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA132UA BURR-BROWN-INA132UA Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132UA TI1-INA132UA Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132UA TI1-INA132UA Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132UA-2K5 TI1-INA132UA-2K5 Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132UA-2K5E4 TI1-INA132UA-2K5E4 Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA132UA2K5E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com