Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2233 Datasheet(PDF) 9 Page - International Rectifier

Part # IR2233
Description  Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2233 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2233 Datasheet HTML 5Page - International Rectifier IR2233 Datasheet HTML 6Page - International Rectifier IR2233 Datasheet HTML 7Page - International Rectifier IR2233 Datasheet HTML 8Page - International Rectifier IR2233 Datasheet HTML 9Page - International Rectifier IR2233 Datasheet HTML 10Page - International Rectifier IR2233 Datasheet HTML 11Page - International Rectifier IR2233 Datasheet HTML 12Page - International Rectifier IR2233 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
www.irf.com
9
M ax.
Typ.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (oC)
Fiure 8A. Turn-On Rise Time vs.Temperature
Typ.
M ax.
0
50
100
150
200
250
10
12.5
15
17.5
20
Supply Voltage (V)
Fiure 8B. Turn-On Rise Time vs.Voltage
Typ.
M ax.
0
30
60
90
120
150
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 9A. Turn-Off Fall Time vs. Temperature
Typ.
M ax.
0
30
60
90
120
150
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 9B. Turn-Off Fall Time vs. Voltage
Min.
Typ.
M ax.
0
300
600
900
1200
1500
-50-25
0
25
50
75100
125
Temperature (oC)
Figure 10A. SD to Output shutdown Time
vs. Temperature
Min.
Typ.
M ax.
0
300
600
900
1200
1500
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 10B. SD to Output shutdown Time
vs. Voltage


Similar Part No. - IR2233

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2233 IRF-IR2233 Datasheet
218Kb / 12P
   3-PHASE BRIDGE DRIVER
IR2233 IRF-IR2233 Datasheet
97Kb / 9P
   Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
IR2233 IRF-IR2233 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2233 IRF-IR2233 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2233 INFINEON-IR2233 Datasheet
436Kb / 27P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
More results

Similar Description - IR2233

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com