Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT11i-E-HCI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WT11i-E-HCI
Description  Bluetooth v.2.1 EDR, class 1
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT11i-E-HCI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WT11i-E-HCI Datasheet HTML 5Page - List of Unclassifed Manufacturers WT11i-E-HCI Datasheet HTML 6Page - List of Unclassifed Manufacturers WT11i-E-HCI Datasheet HTML 7Page - List of Unclassifed Manufacturers WT11i-E-HCI Datasheet HTML 8Page - List of Unclassifed Manufacturers WT11i-E-HCI Datasheet HTML 9Page - List of Unclassifed Manufacturers WT11i-E-HCI Datasheet HTML 10Page - List of Unclassifed Manufacturers WT11i-E-HCI Datasheet HTML 11Page - List of Unclassifed Manufacturers WT11i-E-HCI Datasheet HTML 12Page - List of Unclassifed Manufacturers WT11i-E-HCI Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Bluegiga Technologies Oy
Page 9 of 38
PIO PORT
PIN
NUMBER
PAD TYPE
DESCRIPTION
PIO[2]
3
Bi-directional, programmamble
strength internal pull-down/pull-up
Programmamble input/output
line
PIO[3]
4
Bi-directional, programmamble
strength internal pull-down/pull-up
Programmamble input/output
line
PIO[4]
20
Bi-directional, programmamble
strength internal pull-down/pull-up
Programmamble input/output
line
PIO[5]
25
Bi-directional, programmamble
strength internal pull-down/pull-up
Programmamble input/output
line
PIO[6]
18
Bi-directional, programmamble
strength internal pull-down/pull-up
Programmamble input/output
line
PIO[7]
19
Bi-directional, programmamble
strength internal pull-down/pull-up
Programmamble input/output
line
AIO[1]
27
Bi-directional
Programmamble analog
input/output line
Table 2: GPIO Terminal Descriptions
SPI
INTERFACE
PIN
NUMBER
PAD TYPE
DESCRIPTION
PCM_OUT
7
CMOS output, tri-state,
weak internal pull-down
Synchronous data output
PCM_IN
11
CMOS input, weak
internal pull-down
Synchronous data input
PCM_SYNC
13
Bi-directional, weak
internal pull-down
Synchronous data sync
PCM_CLK
12
Bi-directional, weak
internal pull-down
Synchronous data clock
Table 3: PCM Terminal Descriptions
UART
Interfaces
PIN
NUMBER
PAD TYPE
DESCRIPTION
UART_TX
26
CMOS output, tri-
state, with weak
internal pull-up
UART data output, active high
UART_RTS#
5
CMOS output, tri-
state, with weak
internal pull-up
UART request to send, active low
UART_RX
6
CMOS input, tri-
state, with weak
internal pull-down
UART data input, active high
UART_CTS#
10
CMOS input, tri-
state, with weak
internal pull-down
UART clear to send, active low
Table 4: UART Terminal Descriptions


Similar Part No. - WT11i-E-HCI

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
WT11I-E-HCI21 SILABS-WT11I-E-HCI21 Datasheet
1Mb / 46P
   WT11i Bluetooth® Module
Version 1.64
WT11I-E-HCI21 SILABS-WT11I-E-HCI21 Datasheet
1Mb / 40P
   WT11i Bluetooth® Module
Version 1.14
More results

Similar Description - WT11i-E-HCI

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
   Class 1 Bluetooth Module with EDR Support
03/25/14
logo
Broadcom Corporation.
BCM2070 BOARDCOM-BCM2070 Datasheet
216Kb / 2P
   BLUETOOTH 2.1 EDR SINGLE-CHIP HCI SOLUTION
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
logo
Cypress Semiconductor
CYW20715 CYPRESS-CYW20715 Datasheet
3Mb / 47P
   Bluetooth 4.0 EDR compliant
logo
DB Lectro Inc
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
   Bluetooth v2.0EDR specification
logo
Cypress Semiconductor
CYW20713 CYPRESS-CYW20713 Datasheet
4Mb / 52P
   Bluetooth 4.0 EDR compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com