Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF12840 Datasheet(PDF) 5 Page - Texas Instruments

Part # BUF12840
Description  Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF12840 Datasheet(HTML) 5 Page - Texas Instruments

  BUF12840_14 Datasheet HTML 1Page - Texas Instruments BUF12840_14 Datasheet HTML 2Page - Texas Instruments BUF12840_14 Datasheet HTML 3Page - Texas Instruments BUF12840_14 Datasheet HTML 4Page - Texas Instruments BUF12840_14 Datasheet HTML 5Page - Texas Instruments BUF12840_14 Datasheet HTML 6Page - Texas Instruments BUF12840_14 Datasheet HTML 7Page - Texas Instruments BUF12840_14 Datasheet HTML 8Page - Texas Instruments BUF12840_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AnalogSupplyCurrent(mA)
1200
1000
800
600
400
200
0
5
8
5.5
6
6.5
7
7.5
OutputCurrent(mA)
0
25
50
75
100
150
18
17.5
17
16.5
16
15.5
15
0
3
2.5
2
1.5
1
0.5
125
OutputSwingHigh
OutputSwingLow
Temperature( C)
°
-50
-25
0
25
50
125
8.5
8
7.5
7
6.5
6
5.5
5
4.5
4
75
100
Temperature( C)
°
-50
-25
0
25
50
125
9.02
8.995
8.99
8.985
8.98
75
9
9.005
9.01
9.015
100
10TypicalUnitsShown
Temperature( C)
°
-
50
-
25
0
25
50
125
94
92
90
88
86
84
82
80
78
76
74
75
100
0.15
0.1
0.05
0
-0.05
-0.1
-0.15
0
256
1024
512
768
InputCode
BUF12840
www.ti.com
SBOS519A
– OCTOBER 2010 – REVISED JULY 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +18V, and VSD = +5V, unless otherwise noted.
OUTPUT VOLTAGE vs OUTPUT CURRENT
(Channels 1
–12)
ANALOG SUPPLY CURRENT HISTOGRAM
Figure 1.
Figure 2.
ANALOG SUPPLY CURRENT vs TEMPERATURE
OUTPUT VOLTAGE vs TEMPERATURE
Figure 3.
Figure 4.
DIGITAL SUPPLY CURRENT vs TEMPERATURE
DIFFERENTIAL LINEARITY ERROR
Figure 5.
Figure 6.
Copyright
© 2010–2011, Texas Instruments Incorporated
5


Similar Part No. - BUF12840_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF12840_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com