Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8812RHDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8812RHDR
Description  DUAL-BRIDGE MOTOR CONTROLLER IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8812RHDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8812RHDR Datasheet HTML 6Page - Texas Instruments DRV8812RHDR Datasheet HTML 7Page - Texas Instruments DRV8812RHDR Datasheet HTML 8Page - Texas Instruments DRV8812RHDR Datasheet HTML 9Page - Texas Instruments DRV8812RHDR Datasheet HTML 10Page - Texas Instruments DRV8812RHDR Datasheet HTML 11Page - Texas Instruments DRV8812RHDR Datasheet HTML 12Page - Texas Instruments DRV8812RHDR Datasheet HTML 13Page - Texas Instruments DRV8812RHDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DRV8812
SLVS997F – OCTOBER 2009 – REVISED AUGUST 2013
www.ti.com
Driving nSLEEP low will put the device into a low power sleep state. In this state, the H-bridges are disabled, the
gate drive charge pump is stopped, the V3P3OUT regulator is disabled, and all internal clocks are stopped. In
this state all inputs are ignored until nSLEEP returns inactive high. When returning from sleep mode, some time
(approximately 1 ms) needs to pass before the motor driver becomes fully operational.
Protection Circuits
The DRV8812 is fully protected against undervoltage, overcurrent and overtemperature events.
Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive. If this
analog current limit persists for longer than the OCP time, all FETs in the H-bridge will be disabled and the
nFAULT pin will be driven low. The device will remain disabled until either nRESET pin is applied, or VM is
removed and re-applied.
Overcurrent conditions on both high and low side devices; i.e., a short to ground, supply, or across the motor
winding will all result in an overcurrent shutdown. Note that overcurrent protection does not use the current sense
circuitry used for PWM current control, and is independent of the ISENSE resistor value or VREF voltage.
Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all FETs in the H-bridge will be disabled and the nFAULT pin will be
driven low. Once the die temperature has fallen to a safe level operation will automatically resume.
Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pins falls below the undervoltage lockout threshold voltage, all circuitry in the
device will be disabled and internal logic will be reset. Operation will resume when VM rises above the UVLO
threshold.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DRV8812


Similar Part No. - DRV8812RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8812RHDR TI1-DRV8812RHDR Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812RHDR TI1-DRV8812RHDR Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
More results

Similar Description - DRV8812RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8812 TI-DRV8812_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812_13 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8813 TI1-DRV8813 Datasheet
838Kb / 18P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8813 TI-DRV8813_15 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8813 Dual-Bridge Motor Controller IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
[Old version datasheet]   H-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI1-DRV8828 Datasheet
710Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR CONTROLLER IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
STMicroelectronics
L9903 STMICROELECTRONICS-L9903 Datasheet
271Kb / 17P
   MOTOR BRIDGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com