Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P74HT-10M Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # P74HT-10M
Description  P-CONN TM SCREW-ON WIRE CONNECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P74HT-10M Datasheet(HTML) 4 Page - PANDUIT CORP.

  P74HT-10M Datasheet HTML 1Page - PANDUIT CORP. P74HT-10M Datasheet HTML 2Page - PANDUIT CORP. P74HT-10M Datasheet HTML 3Page - PANDUIT CORP. P74HT-10M Datasheet HTML 4Page - PANDUIT CORP. P74HT-10M Datasheet HTML 5Page - PANDUIT CORP. P74HT-10M Datasheet HTML 6Page - PANDUIT CORP. P74HT-10M Datasheet HTML 7Page - PANDUIT CORP. P74HT-10M Datasheet HTML 8Page - PANDUIT CORP. P74HT-10M Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
EXPANDING SQUARE WIRE SPRING
ensures low resistance
PRODUCT MARKINGS
easily identify wire
range and approvals
TOUGH NYLON
HOUSING offers
excellent insulation
properties
OFFSET WINGS
offers large
gripping services
DEEP SKIRT
protects against
flashover and shorts
FUNNEL ENTRY
guides wires into connector
P-CONN
TM
HAWK
TM
SCREW-ON WIRE CONNECTORS
HAWKTM Wing Style . . . Features
v Ribbed grip surface
v Three convenient sizes, plus grounding
wire connectors
v Funnel entry simplifies installation
v Tough nylon housing provides excellent
electrical insulating properties
v Available in yellow, red, blue and green


Similar Part No. - P74HT-10M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P74AVCH4T245QPWRQ1 TI1-P74AVCH4T245QPWRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   SN74AVCH4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
FEBRUARY 2024
P74LV8T245QWRKSRQ1 TI-P74LV8T245QWRKSRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV8T245-Q1 Automotive 1.65 V to 5 V, octal bus transceiver with 3-state ouputs and logic level shifter
DECEMBER 2022
P74LV8T245QWRKSRQ1 TI-P74LV8T245QWRKSRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LV8T245-Q1 Automotive 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
P74LV8T245QWRKSRQ1 TI-P74LV8T245QWRKSRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   SN74LV8T245-Q1 Automotive 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
More results

Similar Description - P74HT-10M

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-HDS26-HOOD-WP-R ASSMANN-A-HDS26-HOOD-WP-R Datasheet
121Kb / 1P
   D-SUB CONN. ASSY SCREW HD26P M CONN M PIN
A-HDS44-HOOD-WP-R ASSMANN-A-HDS44-HOOD-WP-R Datasheet
120Kb / 1P
   D-SUB CONN. ASSY SCREW HD44P M CONN M PIN
logo
Molex Electronics Ltd.
51115-1611 MOLEX11-51115-1611 Datasheet
77Kb / 1P
   4.0 WIRE TO WIRE CONN
logo
Assmann Electronics Inc...
A-HDS15-HOOD-WP-R ASSMANN-A-HDS15-HOOD-WP-R Datasheet
112Kb / 1P
   D-SUB CONN. ASSY SCREW HO15P M CONN M PIN
logo
List of Unclassifed Man...
12047662 ETC-12047662 Datasheet
92Kb / 1P
   TAXI CONN F M/P 150
logo
Schurter Inc.
0164 SCHURTER-0164 Datasheet
297Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
0164 SCHURTER-0164_V01 Datasheet
156Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
17.05.2016
logo
Molex Electronics Ltd.
0505398000 MOLEX11-0505398000 Datasheet
118Kb / 2P
   3.96 WIRE TO BOARD CONN CRIMP RECEPTACLE
logo
Weidmuller
0511272005 WEIDMULLER-0511272005 Datasheet
61Kb / 1P
   1.25 DUAL WIRE TO BOARD CONN. HOUSING
logo
Molex Electronics Ltd.
51021-0600 MOLEX11-51021-0600 Datasheet
84Kb / 2P
   1.25 WIRE TO BOARD CONN. RECEPTACLE HOUSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com