Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199A1 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA199A1
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199A1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA199A1_14 Datasheet HTML 7Page - Texas Instruments INA199A1_14 Datasheet HTML 8Page - Texas Instruments INA199A1_14 Datasheet HTML 9Page - Texas Instruments INA199A1_14 Datasheet HTML 10Page - Texas Instruments INA199A1_14 Datasheet HTML 11Page - Texas Instruments INA199A1_14 Datasheet HTML 12Page - Texas Instruments INA199A1_14 Datasheet HTML 13Page - Texas Instruments INA199A1_14 Datasheet HTML 14Page - Texas Instruments INA199A1_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
1000
R
+ 1000
S
1000
R
+ 1000
S
10,000
(9
R
+ 10,000
´
S)
10,000
(9
R
+ 10,000
´
S)
20,000
(17
R
+ 20,000
´
S)
20,000
(17
R
+ 20,000
´
S)
Gain Error Factor =
(1250 ´ INT
R
)
(1250
S
´
´
´
R ) + (1250
R
) + (R
R
)
INT
S
INT
INA199A1, INA199B1
INA199A2, INA199B2
INA199A3, INA199B3
www.ti.com
SBOS469D – MAY 2009 – REVISED NOVEMBER 2012
The amount of variance in the differential voltage present at the device input relative to the voltage developed at
the shunt resistor is based both on the external series resistance value as well as the internal input resistors, R3
and R4 (or RINT as shown in Figure 21). The reduction of the shunt voltage reaching the device input pins
appears as a gain error when comparing the output voltage relative to the voltage across the shunt resistor. A
factor can be calculated to determine the amount of gain error that is introduced by the addition of external series
resistance. The equation used to calculate the expected deviation from the shunt voltage to what is seen at the
device input pins is given in Equation 1:
where:
RINT is the internal input resistor (R3 and R4), and
RS is the external series resistance.
(1)
With the adjustment factor equation including the device internal input resistance, this factor varies with each
gain version, as shown in Table 1. Each individual device gain error factor is shown in Table 2.
Table 1. Input Resistance
PRODUCT
GAIN
RINT (kΩ)
INA199A1
50
20
INA199B1
50
20
INA199A2
100
10
INA199B2
100
10
INA199A3
200
5
INA199B3
200
5
Table 2. Device Gain Error Factor
PRODUCT
SIMPLIFIED GAIN ERROR FACTOR
INA199A1
INA199B1
INA199A2
INA199B2
INA199A3
INA199B3
The gain error that can be expected from the addition of the external series resistors can then be calculated
based on Equation 2:
(2)
For example, using an INA199A2 or INA199B2 and the corresponding gain error equation from Table 2, a series
resistance of 10
Ω results in a gain error factor of 0.991. The corresponding gain error is then calculated using
Equation 2, resulting in a gain error of approximately 0.89% solely because of the external 10
Ω series resistors.
Using an INA199A1 or INA199B1 with the same 10
Ω series resistor results in a gain error factor of 0.991 and a
gain error of 0.84% again solely because of these external resistors.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA199A1 INA199B1 INA199A2 INA199B2 INA199A3 INA199B3


Similar Part No. - INA199A1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A1DCKR TI-INA199A1DCKR Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1DCKR TI-INA199A1DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1DCKR TI1-INA199A1DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199A1DCKT TI-INA199A1DCKT Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1DCKT TI-INA199A1DCKT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
More results

Similar Description - INA199A1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com