Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC12311NUP0F Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC12311NUP0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC12311NUP0F Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC12311NUP0F Datasheet HTML 4Page - Sharp Corporation PC12311NUP0F Datasheet HTML 5Page - Sharp Corporation PC12311NUP0F Datasheet HTML 6Page - Sharp Corporation PC12311NUP0F Datasheet HTML 7Page - Sharp Corporation PC12311NUP0F Datasheet HTML 8Page - Sharp Corporation PC12311NUP0F Datasheet HTML 9Page - Sharp Corporation PC12311NUP0F Datasheet HTML 10Page - Sharp Corporation PC12311NUP0F Datasheet HTML 11Page - Sharp Corporation PC12311NUP0F Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Sheet No.: D2-A02903
FEN
Ambient temperature Ta (˚C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=5V
IF=0.5mA
0
150
100
50
Fig.10 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
IF=10mA
IC=1mA
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
Fig.11 Collector - emitter Saturation Voltage
vs. Ambient Temperature
8
Collector-emitter voltage VCE (V)
0
40
02468
10
Ta=25˚C
30
20
10
PC (MAX.)
IF=7mA
IF=5mA
IF=3mA
IF=2mA
IF=1mA
IF=0.5mA
Fig.9 Collector Current vs. Collector-emitter
Voltage
Forward current IF (mA)
0.1
1
10
0
500
400
300
200
100
VCE=5V
Ta=25˚C
Fig.8 Current Transfer Ratio vs. Forward
Current
0.1
1
10
100
0
0.5
1
1.5
2
Forward voltage VF (V)
Ta=25˚C
Ta=75˚C
Ta=100˚C
Ta=50˚C
Ta=0˚C
Ta=−25˚C
Fig.7 Forward Current vs. Forward Voltage
Duty ratio
10
1 000
100
10
2
10
3
10
1
1
Pulse width
≤100µs
Ta
=25˚C
Fig.6 Peak Forward Current vs. Duty Ratio
PC1231xNSZ0F Series


Similar Part No. - PC12311NUP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC12311YFZ0X SHARP-PC12311YFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
More results

Similar Description - PC12311NUP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com