Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6515 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6515
Description  LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6515 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6515_14 Datasheet HTML 2Page - Texas Instruments LMH6515_14 Datasheet HTML 3Page - Texas Instruments LMH6515_14 Datasheet HTML 4Page - Texas Instruments LMH6515_14 Datasheet HTML 5Page - Texas Instruments LMH6515_14 Datasheet HTML 6Page - Texas Instruments LMH6515_14 Datasheet HTML 7Page - Texas Instruments LMH6515_14 Datasheet HTML 8Page - Texas Instruments LMH6515_14 Datasheet HTML 9Page - Texas Instruments LMH6515_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LMH6515
SNOSAX4B – AUGUST 2007 – REVISED OCTOBER 2007
www.ti.com
PIN DESCRIPTIONS (continued)
Pin Number
Symbol
Description
Digital Inputs
1,12,11,
GAIN_0 to
Gain setting pins. See above table for gain step sizes for each pin. These pins are 3.3V CMOS
10,9
GAIN_4
logic compatible. 5V inputs may cause damage.
2
LATCH
This pin controls the function of the gain setting pins mentioned above. With LATCH in the
logic HIGH state the gain is fixed and will not change. With the LATCH in the logic LOW state
the gain is set by the state of the gain control pins. Any changes in gain made with the LATCH
pin in the LOW state will take effect immediately. This pin is 3.3V CMOS logic compatible. 5V
inputs may cause damage.
4
NC
This pin is not connected. It can be grounded or left floating.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMH6515


Similar Part No. - LMH6515_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6515SQ NSC-LMH6515SQ Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515SQ/NOPB TI1-LMH6515SQ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6515SQX NSC-LMH6515SQX Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Similar Description - LMH6515_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514 TI1-LMH6514_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com