Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2402 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C2402
Description  Phase-Locked Loop Clock Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2402 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C2402 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PI6C2402
Phase-Locked Loop Clock Driver
2
PS8418I
11/13/08
Recommended Operating Conditions
Symbol
Test Conditions
Temperature
Min.
Max.
Units
VCC
Supply Voltage
Commercial
3.0
3.6
V
Industrial
3.135
3.465
VIH
High Level input voltage
2.0
VIL
Low Level input voltage
0.8
VI
Input voltage
0
VCC
TA
Operating free-air temperature
Commercial
0
70
ºC
Industrial
-40
85
Absolute Maximum Ratings(1) (Over operating free-air temperature range)
Symbol
Test Conditions
Min.
Max.
Units
VI
Input voltage range
-0.5
VCC + 0.5
V
VO
Output voltage range
-0.5
VCC + 0.5
VI_DC
DC input voltage
-0.5
5.0
IO_DC
DC output current
100
mA
Power
Maximum power dissipation at TA = 55ºC in still air
1.0
W
TSTG
Storage temperature
-65
150
ºC
Pin Functions
Name
Number
Type
Description
CLK_IN
1
I
Reference Clock inptu, CLK_IN allows spread spectrum clock input
AVCC
2
Power
Analog Power
AGND
3
Ground
Analog Ground
CLK_OUT
4
O
Clock Output. The output provides low-skew copies of CLK_IN and has an embedded
series-damping resistor.
S5
I
Control Input S. S is used to bypass the PLL for test purposes. When S is strapped to
ground, PLL is bypassed and CLK_IN is buffered directly to the device outputs
GND
6
Ground
Ground
VCC
7
Power
Power Supply
FB_IN
8
I
Feedback input. FB_IN provides the feedback signal to the internal PLL.
Note:
1.
Stress beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
08-0298


Similar Part No. - PI6C2402

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401W PERICOM-PI6C2401W Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401WE PERICOM-PI6C2401WE Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2402

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
logo
Renesas Technology Corp
CSPT855 RENESAS-CSPT855 Datasheet
265Kb / 11P
   2.5V PHASE LOCKED LOOP CLOCK DRIVER
NOVEMBER 2008
logo
Texas Instruments
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com