Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6517 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6517
Description  Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6517 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6517_14 Datasheet HTML 4Page - Texas Instruments LMH6517_14 Datasheet HTML 5Page - Texas Instruments LMH6517_14 Datasheet HTML 6Page - Texas Instruments LMH6517_14 Datasheet HTML 7Page - Texas Instruments LMH6517_14 Datasheet HTML 8Page - Texas Instruments LMH6517_14 Datasheet HTML 9Page - Texas Instruments LMH6517_14 Datasheet HTML 10Page - Texas Instruments LMH6517_14 Datasheet HTML 11Page - Texas Instruments LMH6517_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
FREQUENCY (MHz)
55
50
45
40
35
30
25
0
100
200
300
400
500
ATT = 0 dB
ATT = 8 dB
ATT = 16 dB
ATT = 24 dB
POUT = 6 dBm
FREQUENCY (MHz)
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
0
100
200
300
400
500
ATT = 0 dB
ATT = 8 dB
ATT = 16 dB
ATT = 24 dB
POUT = 6 dBm
FREQUENCY (MHz)
1.00
0.75
0.50
0.25
0.00
-0.25
-0.50
-0.75
-1.00
50
150 250 350 450 550 650 750 850
ATT = 0 dB
ATT = 16 dB
ATT = 31.5 dB
0
50
100
150
200
250
300
21.2
21.4
21.6
21.8
22.0
22.2
22.4
22.6
22.8
FREQUENCY (MHz)
-40 °C
0 °C
20 °C
50 °C
80 °C
10
100
1000
10k
FREQUENCY (MHz)
-10
-5
0
5
10
15
20
25
30
RL = 120Ö
& 5 pF
1
1000
FREQUENCY (MHz)
-10
100
10
-5
0
5
15
10
20
LMH6517
SNOSB19J – NOVEMBER 2008 – REVISED NOVEMBER 2011
www.ti.com
Typical Performance Characteristics
VCC = 5V
Frequency Response 2dB Gain Steps
Frequency Response 2dB Gain Steps
Transformer Coupled
Figure 2.
Figure 3.
Gain Flatness over Temperature
Group Delay
Figure 4.
Figure 5.
Third Order Intercept Point
Third Order Intermodulation Products
vs
vs
Frequency
Frequency
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LMH6517


Similar Part No. - LMH6517_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
   Evaluation Board is designed to aid in the characterization of National
LMH6517SQ NSC-LMH6517SQ Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQ/NOPB TI1-LMH6517SQ/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
National Semiconductor ...
LMH6517SQE NSC-LMH6517SQE Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQE/NOPB TI1-LMH6517SQE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
More results

Similar Description - LMH6517_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6517 TI1-LMH6517 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com