Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6517SQNOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6517SQNOPB
Description  Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6517SQNOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6517SQNOPB Datasheet HTML 3Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 4Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 5Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 6Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 7Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 8Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 9Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 10Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LMH6517
www.ti.com
SNOSB19J – NOVEMBER 2008 – REVISED NOVEMBER 2011
PIN DESCRIPTIONS (continued)
Pin Number
Pin Name
Description
Digital Inputs Serial Mode (MOD1 =1 , MOD0 = 0)
2
CLK
Serial Clock
1
SDI
Serial Data In (SPI Compatible) See Application Information for more details.
32
CS
Serial Chip Select (SPI compatible)
31
SDO
Serial Data Out (SPI compatible)
3, 4, 6 — 10, 16, 20, GND
Pins unused in Serial Mode, connect to DC ground.
21, 25
Digital Inputs Pulse Mode (MOD1 = 0 , MOD0 = 1)
2, 7
UPA, UPB
Up pulse pin. A logic 0 pulse will increase gain one step.
1, 8
DNA, DNB
Down pulse pin. A logic 0 pulse will decrease gain one step.
1 & 2 or 7 & 8
Pulsing both pins together will reset the gain to maximum gain.
31, 32
S0A, S1A
Step size zero and step size 1. (0,0) = 0.5dB; (0, 1)= 1dB; (1,0) = 2dB, and (1, 1)= 6dB
10, 9
S0B, S1B
Step size zero and step size 1. (0,0) = 0.5dB; (0, 1)= 1dB; (1,0) = 2dB, and (1, 1)= 6dB
3, 5, 6, 16, 25
GND
Pins unused in Pulse Mode, connect to DC ground.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6517


Similar Part No. - LMH6517SQNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6517SQ NSC-LMH6517SQ Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQ/NOPB TI1-LMH6517SQ/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
National Semiconductor ...
LMH6517SQE NSC-LMH6517SQE Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQE/NOPB TI1-LMH6517SQE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
National Semiconductor ...
LMH6517SQX NSC-LMH6517SQX Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
More results

Similar Description - LMH6517SQNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6517 TI1-LMH6517 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com