Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6517SQNOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6517SQNOPB
Description  Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6517SQNOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6517SQNOPB Datasheet HTML 1Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 2Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 3Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 4Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 5Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 6Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 7Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 8Page - Texas Instruments LMH6517SQNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
GAIN 0-5
200
ADC
6
LATCH
RF
LO
½ LMH6517
VCC
LMH6517
www.ti.com
SNOSB19J – NOVEMBER 2008 – REVISED NOVEMBER 2011
Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled
Gain
Check for Samples: LMH6517
1
FEATURES
DESCRIPTION
The
LMH6517
contains
two
high
performance,
2
Accurate, 0.5dB Gain Steps
digitally controlled variable gain amplifiers (DVGA). It
200
Ω Resistive, Differential Input
has been designed for use in narrowband and
Low Impedance, Differential Output
broadband IF sampling applications. Typically the
LMH6517 drives a high performance ADC in a broad
Disable Function for Each Channel
range of mixed signal and digital communication
Parallel Gain Control
applications such as mobile radio and cellular base
SPI Compatible Serial Bus
stations where automatic gain control (AGC) is
required to increase system dynamic range.
Two Wire, Pulse Mode Control
On Chip Register Stores Gain Setting
Each channel of LMH6517 has an independent,
digitally controlled attenuator and a high linearity,
Low Sensitivity of Linearity and Phase to Gain
differential output amplifier. Each block has been
Setting
optimized for low distortion and maximum system
Single 5V Supply Voltage
design flexibility. Each channel can be individually
Small Footprint WQFN Package
disabled for power savings.
The LMH6517 digitally controlled attenuator provides
APPLICATIONS
precise 0.5dB gain steps over a 31.5dB range. On
Cellular Base Stations
chip digital latches are provided for local storage of
the gain setting. Both serial and parallel programming
IF Sampling Receivers
options are provided. A Pulse mode is also offered
Instrumentation
where simple up or down commands can change the
Modems
gain one step at a time.
Imaging
The output amplifier has a differential output allowing
large signal swings on a single 5V supply. The low
KEY SPECIFICATIONS
impedance output provides maximum flexibility when
driving filters or analog to digital converters.
OIP3: 43dBm @ 200MHz
The
LMH6517
operates
over
the
industrial
Noise figure 5.5dB
temperature range of
−40°C to +85°C. The LMH6517
Gain step size of 0.5dB
is available in a 32-Pin, thermally enhanced, WQFN
Gain step accuracy: 0.05dB
package.
Frequency Range of 1200 MHz
Supply current 80mA per channel
Typical Application: IF Sampling Receiver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6517SQNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6517SQ NSC-LMH6517SQ Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQ/NOPB TI1-LMH6517SQ/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
National Semiconductor ...
LMH6517SQE NSC-LMH6517SQE Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Texas Instruments
LMH6517SQE/NOPB TI1-LMH6517SQE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
National Semiconductor ...
LMH6517SQX NSC-LMH6517SQX Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
More results

Similar Description - LMH6517SQNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6517 TI1-LMH6517 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, Low Noise, IF and Baseband, Dual 16 bit ADC Driver With Digitally Controlled Gain
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com