Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

354072 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 354072
Description  Federl. SMC-B 32-SMD-BA7-23
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

354072 Datasheet(HTML) 1 Page - ERNI Electronics

  354072 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackt im Gurt nach DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 170 Stück
Packaging unit: 170 pcs
Abspulrichtung -
Reel off Direction
1
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
0,1 mm
22,07
25,4
21,07
a1
20
4,2
BA 7-23 - hohe Bauhöhe
type 7-23 - high profile
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
1,2
0,8
19,05
1,6
15 x 1,27 =
±0,003
23,47
0,3
-0,03
1,27
2,21 ±0,03
a16
a1
ohne Ansaughaube -
without hood
19,05
15 x 1,27 =
1,27
Ansaughaube
hood
23,47 ±0,03
1,5 -0,03
17,76
A3
prior notice.
contact one of the ERNI companies
Date
03.12.2013
b
Index
SMCB
Female SMC-B 32-SMT-type7-23
Federl. SMC-B 32-SMD-BA7-23
354072
3:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please


Similar Part No. - 354072

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
35407 ALPHAWIRE-35407 Datasheet
99Kb / 4P
   Customer Specifications
10/28/2022
logo
Molex Electronics Ltd.
35407-6102 MOLEX4-35407-6102 Datasheet
101Kb / 2P
   2.28mm (.090") Terminal, Female, 0.85-1.25 AVSS, 0.25mm (.010") Thickness
35407-6102 MOLEX4-35407-6102 Datasheet
101Kb / 2P
   2.28mm (.090") Terminal, Female, 0.3-0.5 AVSS, 0.25mm (.010") Thickness, Pre-Tin
35407-6702 MOLEX4-35407-6702 Datasheet
101Kb / 2P
   2.28mm (.090") Sealed Terminal, Female, 0.30-0.50mm짼 (.012-.020") AVSS, 0.25mm
35407-6802 MOLEX4-35407-6802 Datasheet
101Kb / 2P
   2.28mm (.090") Sealed Terminal, Female, 0.85-1.25mm짼 (.033-.050") AVSS, 0.25mm(.010") Material Thickness, Pre-Tin Plated, Reel
More results

Similar Description - 354072

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100703440002 ERNI-100703440002 Datasheet
102Kb / 1P
   Federl. SMC-B 32-SMD-BA7-23
234200 ERNI-234200 Datasheet
122Kb / 1P
   Federl. SMC-B 68-SMD-BA7-23
101003440002 ERNI-101003440002 Datasheet
129Kb / 1P
   Federl. SMC-B 68-SMD-BA7-23
204763 ERNI-204763 Datasheet
84Kb / 1P
   Federl. SMC-B 26-SMD-BA7-23
234199 ERNI-234199 Datasheet
103Kb / 1P
   Federl. SMC-B 50-SMD-BA7-23
354070 ERNI-354070 Datasheet
81Kb / 1P
   Federl. SMC-B 16-SMD-BA7-23
354073 ERNI-354073 Datasheet
94Kb / 1P
   Federl. SMC-B 40-SMD-BA7-23
234198 ERNI-234198 Datasheet
67Kb / 1P
   Federl. SMC-B 12-SMD-BA7-23
234201 ERNI-234201 Datasheet
137Kb / 1P
   Federl. SMC-B 80-SMD-BA7-23
100202590001 ERNI-100202590001 Datasheet
126Kb / 1P
   Federl. SMC-B 68-SMD-BA7-23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com