Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6521SQENOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6521SQENOPB
Description  High Performance Dual DVGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6521SQENOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6521SQENOPB Datasheet HTML 6Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 7Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 8Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 9Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 10Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 11Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 12Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 13Page - Texas Instruments LMH6521SQENOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
100
200
300
400
500
600
700
5
6
7
8
9
10
11
FREQUENCY (MHz)
T = - 40 °C
T = 25 °C
T = 85 °C
0
4
8
12
16
20
24
28
32
5
10
15
20
25
30
35
40
ATTENUATION (0 = MAX GAIN) (dB)
100 MHz
200 MHz
300 MHz
400 MHz
0
4
8
12
16
20
24
28
32
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
ATTENUATION (dB, 0 = MAX GAIN)
0.5 dB steps
f = 200 MHz
Channel A
Channel B
0
4
8
12
16
20
24
28
32
-20
-15
-10
-5
0
5
10
15
20
ATTENUATION (dB, 0 = MAX GAIN)
0.5 dB steps
f = 200 MHz
Channel A
Channel B
-4
0
4
8
12
16
20
-100
-90
-80
-70
-60
-50
-40
OUTPUT POWER (dBm)
f = 200 MHz
ATT = 0 dB
ATT = 8 dB
ATT = 16 dB
ATT = 24 dB
-4
0
4
8
12
16
20
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
OUTPUT POWER (dBm)
f = 200 MHz
ATT = 0 dB
ATT = 8 dB
ATT = 16 dB
ATT = 24 dB
LMH6521
SNOSB47C – MAY 2011 – REVISED SEPTEMBER 2011
www.ti.com
Typical Performance Characteristics (continued)
V+ = 5V, Differential VOUT = 4V
PP, R
L = 200Ω, TA=25 °C, fin = 200 MHz, and Maximum Gain (0 Attenuation)
Second Order Harmonic Distortion at 200 MHz
Third Order Harmonic Distortion at 200 MHz
Cumulative Gain Error
Cumulative Phase Shift
Noise Figure
Noise Figure
vs.
vs.
Frequency
Attenuation
10
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMH6521


Similar Part No. - LMH6521SQENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6521SQE TI1-LMH6521SQE Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521SQE/NOPB TI1-LMH6521SQE/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
More results

Similar Description - LMH6521SQENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
[Old version datasheet]   High Performance Dual DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
[Old version datasheet]   High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Quad DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
[Old version datasheet]   High Performance Quad DVGA
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
logo
National Semiconductor ...
LMH6517 NSC-LMH6517 Datasheet
220Kb / 8P
   Multi Standard, IF and Baseband, Dual, DVGA
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com