Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMFPB8032XP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMFPB8032XP
Description  20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMFPB8032XP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMFPB8032XP Datasheet HTML 3Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 4Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 5Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 6Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 7Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 8Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 9Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 10Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NXP Semiconductors
PMFPB8032XP
20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
PMFPB8032XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
21 December 2012
7 / 16
017aaa083
tp (s)
10- 3
102
103
10
1
10- 2
10- 1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for cathode 6 cm2
Fig. 7. Schottky diode: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MOSFET transistor static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = -250 µA; VGS = 0 V; Tj = 25 °C
-20
-
-
V
VGSth
gate-source threshold
voltage
ID = -250 µA; VDS = VGS; Tj = 25 °C
-0.4
-0.6
-1
V
VDS = -20 V; VGS = 0 V; Tj = 25 °C
-
-
-1
µA
IDSS
drain leakage current
VDS = -20 V; VGS = 0 V; Tj = 150 °C
-
-
-10
µA
VGS = -12 V; VDS = 0 V; Tj = 25 °C
-
-
-100
nA
IGSS
gate leakage current
VGS = 12 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
VGS = -4.5 V; ID = -2.7 A; Tj = 25 °C
-
80
102
VGS = -4.5 V; ID = -2.7 A; Tj = 150 °C
-
116
148
VGS = -2.5 V; ID = -2.5 A; Tj = 25 °C
-
95
125
RDSon
drain-source on-state
resistance
VGS = -1.8 V; ID = -1.1 A; Tj = 25 °C
-
120
156
gfs
transfer conductance
VDS = -10 V; ID = -2.7 A; Tj = 25 °C
-
15
-
S
MOSFET transistor dynamic characteristics
QG(tot)
total gate charge
-
5.7
8.6
nC
QGS
gate-source charge
-
0.7
-
nC
QGD
gate-drain charge
VDS = -10 V; ID = -2.7 A; VGS = -4.5 V;
Tj = 25 °C
-
0.96
-
nC


Similar Part No. - PMFPB8032XP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMFPB8032XP NEXPERIA-PMFPB8032XP Datasheet
778Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
NXP Semiconductors
PMFPB8032XP PHILIPS-PMFPB8032XP_15 Datasheet
285Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
More results

Similar Description - PMFPB8032XP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMFPB8032XP NEXPERIA-PMFPB8032XP Datasheet
778Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
NXP Semiconductors
PMFPB8032XP PHILIPS-PMFPB8032XP_15 Datasheet
285Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
Nexperia B.V. All right...
PMFPB6532UP NEXPERIA-PMFPB6532UP Datasheet
608Kb / 19P
   20 V, 3.5 A / 320 mV VF P-channel MOSFET-Schottky
PMFPB8040XP NEXPERIA-PMFPB8040XP Datasheet
403Kb / 17P
   20 V, 3.7 A / 440 mV VF P-channel MOSFET-Schottky combination
logo
NXP Semiconductors
PMFPB8040XP PHILIPS-PMFPB8040XP_15 Datasheet
287Kb / 16P
   20 V, 3.7 A / 440 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
Nexperia B.V. All right...
PMFPB6545UP NEXPERIA-PMFPB6545UP Datasheet
611Kb / 19P
   20 V, 3.5 A / 440 mV VF P-channel MOSFET-Schottky combination
logo
ON Semiconductor
NTHD3133PF ONSEMI-NTHD3133PF Datasheet
97Kb / 7P
   Power MOSFET and Schottky Diode -20 V, FETKY, P-Channel, -4.4 A, with 3.7 A Schottky Barrier Diode, ChipFET?
October, 2007 - Rev. 0
logo
Fairchild Semiconductor
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com