Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMFPB8032XP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMFPB8032XP
Description  20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMFPB8032XP Datasheet(HTML) 1 Page - NXP Semiconductors

  PMFPB8032XP Datasheet HTML 1Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 2Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 3Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 4Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 5Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 6Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 7Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 8Page - NXP Semiconductors PMFPB8032XP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PMFPB8032XP
20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky
combination
21 December 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Small-signal P-channel enhancement mode Field-Effect Transistor (FET) using Trench
MOSFET technology and ultra low VF Maximum Efficiency General Application (MEGA)
Schottky diode combined in a small and leadless ultra thin DFN2020-6 (SOT1118)
Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
1.8 V RDSon rated for low-voltage gate drive
Small and leadless ultra thin SMD plastic package: 2 × 2 × 0.65 mm
Exposed drain pad for excellent thermal conduction
Integrated ultra low VF MEGA Schottky diode
3. Applications
Charging switch for portable devices
DC-to-DC converters
Power management in battery-driven portables
Hard disk and computing power management
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MOSFET transistor
VDS
drain-source voltage
-
-
-20
V
VGS
gate-source voltage
Tj = 25 °C
-12
-
12
V
ID
drain current
VGS = -4.5 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-
-3.7
A
Schottky diode
IF
forward current
Tsp ≤ 105 °C
-
-
2
A
VR
reverse voltage
Tamb = 25 °C
-
-
20
V
MOSFET transistor static characteristics
RDSon
drain-source on-state
resistance
VGS = -4.5 V; ID = -2.7 A; Tj = 25 °C
-
80
102


Similar Part No. - PMFPB8032XP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMFPB8032XP NEXPERIA-PMFPB8032XP Datasheet
778Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
NXP Semiconductors
PMFPB8032XP PHILIPS-PMFPB8032XP_15 Datasheet
285Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
More results

Similar Description - PMFPB8032XP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMFPB8032XP NEXPERIA-PMFPB8032XP Datasheet
778Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
NXP Semiconductors
PMFPB8032XP PHILIPS-PMFPB8032XP_15 Datasheet
285Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
Nexperia B.V. All right...
PMFPB6532UP NEXPERIA-PMFPB6532UP Datasheet
608Kb / 19P
   20 V, 3.5 A / 320 mV VF P-channel MOSFET-Schottky
PMFPB8040XP NEXPERIA-PMFPB8040XP Datasheet
403Kb / 17P
   20 V, 3.7 A / 440 mV VF P-channel MOSFET-Schottky combination
logo
NXP Semiconductors
PMFPB8040XP PHILIPS-PMFPB8040XP_15 Datasheet
287Kb / 16P
   20 V, 3.7 A / 440 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
Nexperia B.V. All right...
PMFPB6545UP NEXPERIA-PMFPB6545UP Datasheet
611Kb / 19P
   20 V, 3.5 A / 440 mV VF P-channel MOSFET-Schottky combination
logo
ON Semiconductor
NTHD3133PF ONSEMI-NTHD3133PF Datasheet
97Kb / 7P
   Power MOSFET and Schottky Diode -20 V, FETKY, P-Channel, -4.4 A, with 3.7 A Schottky Barrier Diode, ChipFET?
October, 2007 - Rev. 0
logo
Fairchild Semiconductor
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com