Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6555SQENOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH6555SQENOPB
Description  LMH6555 Low Distortion 1.2 GHz Differential Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6555SQENOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6555SQENOPB Datasheet HTML 5Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 6Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 7Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 8Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 9Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 10Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 11Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 12Page - Texas Instruments LMH6555SQENOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
-50
-25
0
25
50
75
100
TEMPERATURE (°C)
-6
-4
-2
0
2
4
6
UNIT 3
UNIT 2
UNIT 1
UNIT 2
1
10
100
1000
FREQUENCY (MHz)
-70
-60
-50
-40
-30
-20
-10
0
SINGLE-ENDED INPUT
TO EACH OUTPUT
S22
S11
S12
0.1
1
10
100
1000
FREQUENCY (MHz)
20
30
40
50
60
70
80
160
0.01
1
1000
FREQUENCY (MHz)
0
60
100
10
0.1
120
100
40
20
80
140
40
0
15
30
25
10
5
20
35
SE = SINGLE-ENDED INPUT
DI = DIFFERENTIAL INPUT
RS = 50: (SE) or 100: (DI)
OUTPUT NOISE
NF, SE
NF, DI
-0.4
0.1
0.6
1.1
1.6
2.1
40
50
60
70
VI_CM (mV)
25°C
-40°C
85°C
0.01
0.1
1
10
100
-60
-50
-40
-30
-20
-10
0
FREQUENCY (MHz)
PSRR
PSRR_CM
LMH6555
www.ti.com
SNOSAJ1C – NOVEMBER 2006 – REVISED MARCH 2011
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, RS1 = RS2 = 50Ω, VS = 3.3V, RL = 100Ω differential, VOUT = 0.8 VPP. See DEFINITION OF TERMS
AND SPECIFICATIONS (ALPHABETICAL ORDER) for definition of terms used throughout the datasheet.
PSRR & PSRR_CM
CMRR
vs.
vs.
Frequency
VI_CM
Figure 15.
Figure 16.
CMRR
vs.
Frequency
Noise Density & Noise Figure
Figure 17.
Figure 18.
S_Parameters
vs.
Differential Output Offset Variation for
Frequency
3 Representative Units
Figure 19.
Figure 20.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6555


Similar Part No. - LMH6555SQENOPB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LMH6555SQE INTERSIL-LMH6555SQE Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Texas Instruments
LMH6555SQE/NOPB TI1-LMH6555SQE/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
More results

Similar Description - LMH6555SQENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com