Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMT21EN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMT21EN
Description  30 V, 7.4 A N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMT21EN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMT21EN Datasheet HTML 2Page - NXP Semiconductors PMT21EN Datasheet HTML 3Page - NXP Semiconductors PMT21EN Datasheet HTML 4Page - NXP Semiconductors PMT21EN Datasheet HTML 5Page - NXP Semiconductors PMT21EN Datasheet HTML 6Page - NXP Semiconductors PMT21EN Datasheet HTML 7Page - NXP Semiconductors PMT21EN Datasheet HTML 8Page - NXP Semiconductors PMT21EN Datasheet HTML 9Page - NXP Semiconductors PMT21EN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PMT21EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 August 2011
6 of 15
NXP Semiconductors
PMT21EN
30 V, 7.4 A N-channel Trench MOSFET
Tj = 25 °C
Tj = 25 °C; VDS = 5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Tj = 25 °C
(1) VGS = 2.4 V
(2) VGS = 2.6 V
(3) VGS = 3.0 V
(4) VGS = 3.2 V
(5) VGS = 4.5 V
(6) VGS = 10.0 V
ID = 8 A
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
VDS (V)
04
3
12
017aaa332
10
20
30
ID
(A)
0
VGS = 3.2 V
4.5 V
10 V
2.6 V
2.4 V
3.0 V
2.3 V
017aaa244
VGS (V)
03
2
1
10–4
10–5
10–3
ID
(A)
10–6
(2)
(1)
(3)
ID (A)
234
26
10
18
017aaa333
40
60
20
80
100
RDSon
(mΩ)
0
(1)
(2)
(3)
(4)
(5)
(6)
VGS (V)
010
8
46
2
017aaa334
50
25
75
100
RDSon
(mΩ)
0
(1)
(2)


Similar Part No. - PMT21EN

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PMT21EN VBSEMI-PMT21EN Datasheet
1,008Kb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMT21EN NEXPERIA-PMT21EN Datasheet
461Kb / 16P
   30 V, 7.4 A N-channel Trench MOSFET
Rev. 1 - 30 August 2011
More results

Similar Description - PMT21EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMT21EN NEXPERIA-PMT21EN Datasheet
461Kb / 16P
   30 V, 7.4 A N-channel Trench MOSFET
Rev. 1 - 30 August 2011
logo
NXP Semiconductors
PMV37EN NXP-PMV37EN Datasheet
811Kb / 15P
   30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011
logo
ZP Semiconductor
PMV37EN ZPSEMI-PMV37EN Datasheet
406Kb / 3P
   30 V, 3.1 A N-channel Trench MOSFET
logo
NXP Semiconductors
PMN35EN NXP-PMN35EN Datasheet
823Kb / 15P
   30 V, 5.1 A N-channel Trench MOSFET
Rev. 1-20 July 2011
PMN20EN NXP-PMN20EN Datasheet
822Kb / 15P
   30 V, 6.7 A N-channel Trench MOSFET
Rev. 1-30 May 2011
PMF250XN PHILIPS-PMF250XN Datasheet
889Kb / 15P
   30 V, 0.9 A N-channel Trench MOSFET
Rev. 1-7 December 2011
logo
Nexperia B.V. All right...
PMN35EN NEXPERIA-PMN35EN Datasheet
1Mb / 16P
   30 V, 5.1 A N-channel Trench MOSFET
Rev. 1 - 20 July 2011
logo
NXP Semiconductors
PMV22EN PHILIPS-PMV22EN Datasheet
996Kb / 14P
   30 V, 5.2 A N-channel Trench MOSFET
Rev. 1-30 March 2011
logo
Nexperia B.V. All right...
PMN25EN NEXPERIA-PMN25EN Datasheet
465Kb / 18P
   30 V, 6.2 A N-channel Trench MOSFET
Rev. 1 - 29 August 2011
logo
ZP Semiconductor
PMV20XN ZPSEMI-PMV20XN Datasheet
447Kb / 4P
   30 V, 4.8 A N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com