Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6629 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6629_14 Datasheet HTML 2Page - Texas Instruments LMH6629_14 Datasheet HTML 3Page - Texas Instruments LMH6629_14 Datasheet HTML 4Page - Texas Instruments LMH6629_14 Datasheet HTML 5Page - Texas Instruments LMH6629_14 Datasheet HTML 6Page - Texas Instruments LMH6629_14 Datasheet HTML 7Page - Texas Instruments LMH6629_14 Datasheet HTML 8Page - Texas Instruments LMH6629_14 Datasheet HTML 9Page - Texas Instruments LMH6629_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LMH6629
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
www.ti.com
3.3V Electrical Characteristics
The following specifications apply for single supply with VS = 3.3V, RL = 100Ω terminated to 1.65V, gain = 10V/V, VO = 1VPP,
VCM = VS/2, COMP Pin = HI (WSON-8 package), unless otherwise noted. Boldface limits apply at the temperature extremes.
(1)
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
DYNAMIC PERFORMANCE
VO = 200 mVPP, WSON-8 package
820
MHz
VO = 200 mVPP, SOT-23-5 package
950
SSBW
Small signal
−3dB bandwidth
COMP Pin = LO, AV= 4,
730
VO = 200 mVPP
VO = 1VPP
540
LSBW
Large signal
−3dB bandwidth
MHz
COMP Pin = LO, AV= 4, VO = 1VPP
320
AV= 10, VO = 200 mVPP,
330
WSON-8 package
AV= 10, VO = 200 mVPP,
0.1 dB bandwidth
190
MHz
SOT-23-5 package
COMP Pin = LO, AV= 4,
85
VO = 200 mVPP
VO = 200 mVPP, WSON-8 package
0
Peaking
dB
VO = 200 mVPP, SOT-23-5 package
1.8
AV= 10, 1.3V step
1100
SR
Slew rate
V/µs
COMP Pin = LO, AV= 4, 1.3V step
500
AV= 10, 1V step, 10% to 90%,
0.7
WSON-8 package
AV= 10, 1V step, 10% to 90%, SOT-
tr/ tf
Rise/fall time
0.55
23-5 package
ns
AV= 4, COMP Pin = LO, 1V step,
1.3
10% to 90% (Slew Rate Limited)
Ts
Settling time
AV= 10, 1V step, ±0.1%
70
Overload Recovery
VIN = 1VPP
2
NOISE AND DISTORTION
fc = 1MHz, VO = 1VPP
–82
COMP Pin = LO, AV= 4, fc = 1MHz,
-88
VO = 1VPP
HD2
2nd order distortion
dBc
fc = 10 MHz, VO = 1VPP
-67
COMP Pin = LO, fc = 10 MHz, AV=
-74
4V, VO = 1VPP
fc = 1MHz, VO = 1VPP
-94
COMP Pin = LO, AV= 4, fc = 1MHz,
-112
VO = 1VPP
HD3
3rd order distortion
dBc
fc = 10 MHz, VO = 1VPP
-79
COMP pin = LO, fc = 10 MHz,
–96
VO = 1VPP
fc = 25 MHz, VO = 1VPP composite
30
Two-tone 3rd Order Intercept
OIP3
dBm
Point
fc = 75 MHz, VO = 1VPP composite
26
en
Noise voltage
0.69
nV/
√HZ
Input referred, f > 1MHz
in
Noise current
2.6
pA/
√HZ
NF
Noise figure
RS = RT = 50Ω
8.0
dB
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Typical numbers are the most likely parametric norm. Bold numbers refer to over-temperature limits.
6
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LMH6629


Similar Part No. - LMH6629_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6629_1011 NSC-LMH6629_1011 Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629 TI-LMH6629_15 Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
More results

Similar Description - LMH6629_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6629_1011 NSC-LMH6629_1011 Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629 TI-LMH6629_15 Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
   Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com