Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH7322SQNOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH7322SQNOPB
Description  Dual 700 ps High Speed Comparator with RSPECL Outputs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH7322SQNOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH7322SQNOPB Datasheet HTML 1Page - Texas Instruments LMH7322SQNOPB Datasheet HTML 2Page - Texas Instruments LMH7322SQNOPB Datasheet HTML 3Page - Texas Instruments LMH7322SQNOPB Datasheet HTML 4Page - Texas Instruments LMH7322SQNOPB Datasheet HTML 5Page - Texas Instruments LMH7322SQNOPB Datasheet HTML 6Page - Texas Instruments LMH7322SQNOPB Datasheet HTML 7Page - Texas Instruments LMH7322SQNOPB Datasheet HTML 8Page - Texas Instruments LMH7322SQNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LMH7322
SNOSAU8H – MARCH 2007 – REVISED MAY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2.5 kV
Machine Model
250V
Output Short Circuit Duration
See (4)(5)(6)
Supply Voltages (VCCx–VEE)
13.2V
Differential Voltage at Input Pins
±13V
Voltage at Input Pins
VEE-0.2V to VCCI + 0.2V
Voltage at LE Pins
VEE-0.2V to VCCO+0.2V
Current at Output Pins
25mA
Soldering Information:
See Product Folder at www.ti.com and SNOA549
Storage Temperature Range
−65°C to +150°C
Junction Temperature (7)
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(5)
Short circuit test is a momentary test. See next note.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
(7)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Operating Conditions
(1)
Supply Voltage (VCCx–VEE)
2.7V to 12V
Operating Temperature Range
(2) (3)
−40°C to +125°C
Package Thermal Resistance
(2) (3)
24-Pin WQFN
38°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
(3)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See Applications section for information on temperature de-rating of this device.
2
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LMH7322


Similar Part No. - LMH7322SQNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7322SQ NSC-LMH7322SQ Datasheet
574Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7322SQ NSC-LMH7322SQ Datasheet
577Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7322SQ/NOPB TI1-LMH7322SQ/NOPB Datasheet
954Kb / 33P
[Old version datasheet]   Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
National Semiconductor ...
LMH7322SQE NSC-LMH7322SQE Datasheet
574Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7322SQE NSC-LMH7322SQE Datasheet
577Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
More results

Similar Description - LMH7322SQNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH7322 TI1-LMH7322 Datasheet
954Kb / 33P
[Old version datasheet]   Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
National Semiconductor ...
LMH7322_0811 NSC-LMH7322_0811 Datasheet
577Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 NSC-LMH7322_08 Datasheet
574Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 NSC-LMH7324 Datasheet
489Kb / 20P
   Quad 700 PS High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7324 TI1-LMH7324_14 Datasheet
1,023Kb / 30P
[Old version datasheet]   Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
National Semiconductor ...
LMH7324_0710 NSC-LMH7324_0710 Datasheet
489Kb / 20P
   Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7324 TI1-LMH7324 Datasheet
979Kb / 30P
[Old version datasheet]   Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
National Semiconductor ...
LMH7324 NSC-LMH7324_08 Datasheet
491Kb / 20P
   Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
[Old version datasheet]   TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
[Old version datasheet]   TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com