Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV852MMENOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV852MMENOPB
Description  LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV852MMENOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV852MMENOPB Datasheet HTML 1Page - Texas Instruments LMV852MMENOPB Datasheet HTML 2Page - Texas Instruments LMV852MMENOPB Datasheet HTML 3Page - Texas Instruments LMV852MMENOPB Datasheet HTML 4Page - Texas Instruments LMV852MMENOPB Datasheet HTML 5Page - Texas Instruments LMV852MMENOPB Datasheet HTML 6Page - Texas Instruments LMV852MMENOPB Datasheet HTML 7Page - Texas Instruments LMV852MMENOPB Datasheet HTML 8Page - Texas Instruments LMV852MMENOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMV851, LMV852, LMV854
SNOSAW1 – OCTOBER 2007
www.ti.com
3.3V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = V
+/2, and R
L = 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VO
Output Swing High,
RL = 2 kΩ to V
+/2
31
35
(measured from V+)
43
mV
RL = 10 kΩ to V
+/2
7
10
12
Output Swing Low,
RL = 2 kΩ to V
+/2
26
32
(measured from V)
43
mV
RL = 10 kΩ to V
+/2
6
11
14
IO
Output Short Circuit Current
Sourcing, VOUT = VCM,
25
28
VIN = 100 mV
20
mA
Sinking, VOUT = VCM,
28
31
VIN = −100 mV
20
IS
Supply Current
LMV851
0.42
0.50
0.58
LMV852
0.79
0.90
mA
1.06
LMV854
1.54
1.67
1.99
SR
Slew Rate (8)
AV = +1, VOUT = 1 VPP, 10% to 90%
4.5
V/
μs
GBW
Gain Bandwidth Product
8
MHz
Φm
Phase Margin
62
deg
en
Input-Referred Voltage Noise
f = 1 kHz
11
nV/
f = 10 kHz
10
in
Input-Referred Current Noise
f = 1 kHz
0.005
pA/
ROUT
Closed Loop Output Impedance
f = 6 MHz
400
CIN
Common-Mode Input Capacitance
11
pF
Differential-Mode Input Capacitance
6
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, BW = >500 kHz
0.006
%
(8)
Number specified is the slower of positive and negative slew rates.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMV851 LMV852 LMV854


Similar Part No. - LMV852MMENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV852MME/NOPB TI1-LMV852MME/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV852MMENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com