Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430BT5190IZQWR Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430BT5190IZQWR
Description  Mixed Signal Microcontroller
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430BT5190IZQWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430BT5190IZQWR Datasheet HTML 6Page - Texas Instruments MSP430BT5190IZQWR Datasheet HTML 7Page - Texas Instruments MSP430BT5190IZQWR Datasheet HTML 8Page - Texas Instruments MSP430BT5190IZQWR Datasheet HTML 9Page - Texas Instruments MSP430BT5190IZQWR Datasheet HTML 10Page - Texas Instruments MSP430BT5190IZQWR Datasheet HTML 11Page - Texas Instruments MSP430BT5190IZQWR Datasheet HTML 12Page - Texas Instruments MSP430BT5190IZQWR Datasheet HTML 13Page - Texas Instruments MSP430BT5190IZQWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
MSP430BT5190
SLAS703A – APRIL 2010 – REVISED AUGUST 2013
www.ti.com
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
ZQW
General-purpose digital I/O
PJ.2/TMS(4)
94
D5
I/O
JTAG test mode select
General-purpose digital I/O
PJ.3/TCK(4)
95
B4
I/O
JTAG test clock
Reset input active low(5)
RST/NMI/SBWTDIO (3)
96
A3
I/O
Non-maskable interrupt input
Spy-Bi-Wire data input/output when Spy-Bi-Wire operation activated.
General-purpose digital I/O
P6.0/A0
97
D4
I/O
Analog input A0 – ADC
General-purpose digital I/O
P6.1/A1
98
B3
I/O
Analog input A1 – ADC
General-purpose digital I/O
P6.2/A2
99
A2
I/O
Analog input A2 – ADC
General-purpose digital I/O
P6.3/A3
100
B2
I/O
Analog input A3 – ADC
Reserved
N/A
(6)
(5)
When this pin is configured as rest, the internal pullup resistor is enabled by default.
(6)
G5, E8, F8, G8, H8, E7, H7, E6, H6, E5, F5, H5, C3 are reserved and should be connected to ground.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: MSP430BT5190


Similar Part No. - MSP430BT5190IZQWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430BT5190IZQWR TI1-MSP430BT5190IZQWR Datasheet
1Mb / 105P
[Old version datasheet]   Mixed-Signal Microcontroller
MSP430BT5190IZQWR TI-MSP430BT5190IZQWR Datasheet
2Mb / 110P
[Old version datasheet]   MSP430BT5190 Mixed-Signal Microcontroller
More results

Similar Description - MSP430BT5190IZQWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com