Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NATK681M16V10X10.8LBYF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NATK681M16V10X10.8LBYF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATK681M16V10X10.8LBYF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NATK681M16V10X10.8LBYF Datasheet HTML 1Page - NIC-Components Corp. NATK681M16V10X10.8LBYF Datasheet HTML 2Page - NIC-Components Corp. NATK681M16V10X10.8LBYF Datasheet HTML 3Page - NIC-Components Corp. NATK681M16V10X10.8LBYF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Case Size
A
±0.2
B
±0.2
C
±0.3
D
±0.1
P
±0.1
T
±0.2
t
max.
s
±0.1
6.3x8
7.0
7.0
16.0
7.5
12.0
8.2
0.6
-
8x10.8
8.7
8.7
24.0
11.5
16.0
11.1
0.6
-
10x10.8
10.7
10.7
24.0
11.5
16.0
11.2
0.6
-
12.5x14
13.2
13.2
32.0
14.2
24.0
14.3
0.6
28.4
16x17
17.5
17.5
44.0
20.2
28.0
17.3
0.6
40.4
18x17
19.5
19.5
44.0
20.2
32.0
17.8
0.6
40.4
18x22
19.5
19.5
44.0
20.2
32.0
22.5
0.6
40.4
Case Size
W
±1.0
Qty per Reel
13" (330mm)
15" (380mm)
6.3x8
18
500
900
8x10.8
26
300
500
10x10.8
26
300
500
12.5x14
34
-
250
16x17
46
-
200
18x17
46
-
175
18x22
46
-
125
TR13 330mm (13") REEL
TR15 380mm (15") REEL
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 10 empty carrier tape pockets.
2. Leader tape: Approximately 20cm of cover tape at leader.
3. Connection: Maximum 3 connections (slices) per reel.
2mm ± 0.5mm
φ13mm ± 0.5mm
φ21mm ± 0.8mm
φ330mm ± 2.0mm
or
φ380mm ± 2.0mm
W
3mm
CARRIER TAPE
CARRIER
REEL
Surface Mount Aluminum Electrolytic Capacitors NATK Series
T
A
P
Feeding
1.5
∅ +0.1/-
1.75
±
1.5
φ+0.1/-0
1.75 + 0.15
t
4 + 0.1
WT Anti-Vibration Test
Test Mehod
Direction: X, Y, Z axis
Frequency & Duration: 5 to 2000Hz for 20 minutes
Peak to Peak Amplitude: 5mm
Peak Acceleration: 30G
Sweep Type: Log
Δ Capacitance
Within ± 10% of initial value
Tangent of Loss
< Specified value
Leakage Current
< Specified value


Similar Part No. - NATK681M16V10X10.8LBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NATK681M16V10X108LBYF NIC-NATK681M16V10X108LBYF Datasheet
163Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NATK681M16V10X10.8LBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com