Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAWS Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAWS
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWS Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAWS Datasheet HTML 1Page - NIC-Components Corp. NAWS Datasheet HTML 2Page - NIC-Components Corp. NAWS Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Diameter
Peak Temperature
Duration
Time above
200°C
Time above
217°C
Time above
230°C
Number of Reflow Passes
5 ~ 6.3mm
φ
+240°C
Time > 240°C 5 sec.
50 sec.
40 sec.
20 sec.
2
PEAK REFLOW TEMPERATURE, DURATION AND NUMBER OF REFLOW PASSES ALLOWED
Case Size
a
b
c
5x4
1.4
3.0
1.8
6x3x4
1.8
3.6
1.8
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Time Above
200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Time Above
217°C
(see table)
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. ESR (
Ω)
120Hz, +20°C
Max. Ripple Current (mA)
+105°C, 120Hz
Load Life Hours
@ +105°C
NAWS220M6.3V5X4JBF
22
6.3
0.38
28.65
23
1000
NAWS330M6.3V5X4JBF
33
0.38
19.10
28
1000
NAWS470M6.3V5X4JBF
47
0.38
13.41
34
1000
NAWS470M6.3V6.3X4JBF
0.38
13.41
42
1000
NAWS680M6.3V6.3X4JBF
68
0.38
9.27
49
1000
NAWS101M6.3V6.3X4JBF
100
0.38
6.30
52
1000
NAWS220M10V5X4JBF
22
10
0.32
24.13
25
1000
NAWS330M10V5X4JBF
33
0.32
16.08
30
1000
NAWS330M10V6.3X4JBF
0.32
16.08
35
1000
NAWS470M10V6.3X4JBF
47
0.32
11.29
38
1000
NAWS100M16V5X4JBF
10
16
0.20
33.17
18
1000
NAWS220M16V5X4JBF
22
0.20
15.08
26
1000
NAWS220M16V6.3X4JBF
0.20
15.08
31
1000
NAWS330M16V6.3X4JBF
33
0.20
10.05
35
1000
NAWS470M16V6.3X4JBF
47
0.20
7.06
38
1000
NAWS4R7M25V5X4JBF
4.7
25
0.16
56.47
13
1000
NAWS100M25V5X4JBF
10
0.16
26.54
21
1000
NAWS220M25V6.3X4JBF
22
0.16
12.06
35
1000
NAWS330M25V6.3X4JBF
33
0.16
8.04
42
1000
NAWS4R7M35V5X4JBF
4.7
35
0.14
49.41
13
1000
NAWS100M35V5X4JBF
10
0.14
23.22
22
1000
NAWS220M35V6.3X4JBF
22
0.14
10.56
34
1000
NAWS1R0M50V5X4JBF
1.0
50
0.14
232.22
6
1000
NAWS2R2M50V5X4JBF
2.2
0.14
105.55
10
1000
NAWS3R3M50V5X4JBF
3.3
0.14
70.37
12
1000
NAWS4R7M50V5X4JBF
4.7
0.14
49.41
16
1000
NAWS100M50V6.3X4JBF
10
0.14
23.22
23
1000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Surface Mount Aluminum Electrolytic Capacitors NAWS Series
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Frequency
120Hz
1KHz
10KHz
100KHz ~
1.0 ~ 3.3
μF
1.0
1.30
1.50
1.80
>4.7 ~ 33
μF
1.0
1.20
1.30
1.45
>33
μF
1.0
1.10
1.20
1.30
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR


Similar Part No. - NAWS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS100M16V5X4JBF NIC-NAWS100M16V5X4JBF Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWS100M25V5X4JBF NIC-NAWS100M25V5X4JBF Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWS100M35V5X4JBF NIC-NAWS100M35V5X4JBF Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWS100M50V63X4JBF NIC-NAWS100M50V63X4JBF Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWS101M63V63X4JBF NIC-NAWS101M63V63X4JBF Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com