Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAZJ101M25V8X6.5NBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NAZJ101M25V8X6.5NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZJ101M25V8X6.5NBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NAZJ101M25V8X6.5NBF Datasheet HTML 1Page - NIC-Components Corp. NAZJ101M25V8X6.5NBF Datasheet HTML 2Page - NIC-Components Corp. NAZJ101M25V8X6.5NBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NAZJ Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• REDUCED CASE SIZE (SMALLER THEN NAZT)
• LOW ESR & HIGH RIPPLE CURRENT AT 100KHz
• LOAD LIFE (2,000 HOURS @ +105°C)
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
CHARACTERISTICS
LOW ESR COMPONENT
LIQUID ELECTROLYTE
For Performance Data
see www.LowESR.com
Rated Voltage Rating
6.3 ~ 50Vdc
Rated Capacitance Range
10 ~ 1,800μF
Operating Temp. Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV or 3μA
whichever is greater
Dissipation Factor
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8.0
13
20
32
44
63
Tan δ @ 120Hz/20°C
0.26
0.19
0.16
0.14
0.12
0.10
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
Z-25°C/Z+20°C
2
2
2
2
2
2
Z-40°C/Z+20°C
3
3
3
3
3
3
Z-55°C/Z+20°C
4
4
4
3
3
3
Load Life Test @ 105°C
2,000 hours
Capacitance Change
Within ±30% of initial measured value
Tan δ
Less than ±200% of the specified maximum value
Leakage Current
Less than the specified maximum value
Cap.
(μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
10
100
-
-
4x6.1
4x6.1
4x6.1
-
22
220
4x6.1
4x6.1
4x6.1
5x6.1
5x6.1
-
5x6.1
33
330
-
4x6.1
-
5x6.1
6.3x6.1
-
5x6.1
6.3x6.1
47
470
4x6.1
-
5x6.1
6.3x6.1 6.3x6.1
-
5x6.1
6.3x6.1
68
680
-
-
6.3x6.1 6.3x6.1
6.3x8
-
100
101
5x6.1
-
6.3x6.1
6.3x8
6.3x8
8x10.5
6.3x6.1
6.3x8
8x6.5
8x10.5
150
151
-
6.3x6.1
6.3x8
8x10.5 8x10.5
-
220
221 6.3x6.1
6.3x8
6.3x8
8x10.5 8x10.5 10x10.5
8x6.5
8x6.5
330
331
6.3x8
8x10.5 8x10.5 8x10.5 10x10.5
-
8x6.5
390
391
-
-
-
-
10x10.5
-
470
471
8x10.5 8x10.5 8x10.5 10x10.5
-
-
560
561
-
-
-
10x10.5
-
-
680
681
-
8x10.5 10x10.5
-
-
-
820
821
-
-
10x10.5
-
-
-
1000
102
8x10.5 10x10.5
-
-
-
-
1200
122
-
10x10.5
-
-
-
-
1500
152 10x10.5
-
-
-
-
-
1800
182 10x10.5
-
-
-
-
-
DIMENSIONS (mm) AND REEL QUANTITIES
Case Size φD±0.5 L max. A±0.2 B±0.2 I±0.3
W
P±0.3 Qty/Reel
4x6.1
4.0
6.1
4.3
4.3
1.8 0.55~0.75
1.0
1,200
5x6.1
5.0
6.1
5.3
5.3
2.2 0.55~0.75
1.5
800
6.3x6.1
6.3
6.1
6.6
6.6
2.6 0.55~0.75
1.8
800
6.3X8
6.3
8.0
6.6
6.6
2.6 0.55~0.75
1.8
500
8x6.5
8.0
6.5
8.3
8.3
3.4 0.55~0.75
2.2
800
8x10.5
8.0
10.5
8.3
8.3
2.9
0.8~1.1
3.1
300
8x10.5
8.0
10.5
8.3
8.3
3.4
0.7~1.1
3.1
300
10x10.5
10.0
10.5
10.3
10.3
3.2
0.8~1.1
4.6
300
10x10.5
10.0
10.5
10.3
10.3
3.5
0.7~1.1
4.6
300
0.3mm max.
L
+
-
I
I
W
P
A
B
Code
Peak Reflow
Temperature
H
235°C
J
240°C
N
260°C*
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
PEAK REFLOW
TEMPERATURE CODES
STANDARD VALUES AND CASE SIZES (mm)
TERMINATION FINISH &
PACKAGING OPTIONS CODES
SAC Alloy Compatible
235°C ~ 260°C
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
*Special conditions apply for 8mm and 10mm diameter parts.
See the 3rd page of this datasheet for details.
NAZJ 101 M 16V 6.3x6.1 N B W Y F
RoHS Compliant
Optional Wide Terminations*
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10μF
Series
*See page 6 for details regarding availability
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site


Similar Part No. - NAZJ101M25V8X6.5NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZJ101M16V63X61NBF NIC-NAZJ101M16V63X61NBF Datasheet
189Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NAZJ101M16V63X8NBF NIC-NAZJ101M16V63X8NBF Datasheet
189Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NAZJ101M63V5X61NBF NIC-NAZJ101M63V5X61NBF Datasheet
189Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NAZJ101M63V63X61NBF NIC-NAZJ101M63V63X61NBF Datasheet
189Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZJ101M25V8X6.5NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com